Electronic Components Datasheet Search
  English  ▼

X  

AD8571 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8571
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8571 Datasheet HTML 16Page - Analog Devices AD8571 Datasheet HTML 17Page - Analog Devices AD8571 Datasheet HTML 18Page - Analog Devices AD8571 Datasheet HTML 19Page - Analog Devices AD8571 Datasheet HTML 20Page - Analog Devices AD8571 Datasheet HTML 21Page - Analog Devices AD8571 Datasheet HTML 22Page - Analog Devices AD8571 Datasheet HTML 23Page - Analog Devices AD8571 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8571/AD8572/AD8574
Data Sheet
Rev. F | Page 20 of 28
CAPACITIVE LOAD DRIVE
The AD8571/AD8572/AD8574 have excellent capacitive load
driving capabilities and can safely drive up to 10 nF from a
single 5 V supply. Although the device is stable, capacitive
loading limits the bandwidth of the amplifier. Capacitive loads
also increase the amount of overshoot and ringing at the output.
The RC snubber network shown in Figure 59 can be used to
reduce the capacitive load ringing and overshoot.
5V
VOUT
VIN
200mV p-p
AD8571/
AD8572/
AD8574
CL
4.7nF
Cx
0.47µF
Rx
60
Ω
+
–
Figure 59. Snubber Network Configuration for Driving Capacitive Loads
Although the snubber network does not recover the loss of
amplifier bandwidth from the load capacitance, it does allow
the amplifier to drive larger values of capacitance while
maintaining a minimum of overshoot and ringing. Figure 60
shows the output of an AD8571/AD8572/AD8574 driving a
1 nF capacitor with and without a snubber network.
10μs
100mV
VS = 5V
CL = 4.7nF
WITHOUT
SNUBBER
WITH
SNUBBER
Figure 60. Overshoot and Ringing Are Substantially Reduced Using
a Snubber Network
The optimum value for the resistor and capacitor is a function
of the load capacitance and is best determined empirically
because actual CL includes stray capacitances and can differ
substantially from the nominal capacitive load. Table 5 shows
some snubber network values that can be used as starting points.
Table 5. Snubber Network Values for Driving Capacitive Loads
CL (nF)
Rx (Ω)
Cx
1
200
1 nF
4.7
60
0.47 µF
10
20
10 µF
POWER-UP BEHAVIOR
At power-up, the AD8571/AD8572/AD8574 settle to a valid
output within 5 μs. Figure 61 shows an oscilloscope photo of the
output of the amplifier along with the power supply voltage.
Figure 62 shows the test circuit. With the amplifier configured
for unity gain, the device takes approximately 5 µs to settle to its
final output voltage, hundreds of microseconds faster than
many other autocorrection amplifiers.
5µs
1V
VOUT
V+
0V
0V
BOTTOM TRACE = 2V/DIV
TOP TRACE = 1V/DIV
Figure 61. AD8571/AD8572/AD8574 Output Behavior at Power-Up
100kΩ
100kΩ
VSY = 0V TO 5V
VOUT
AD8571/
AD8572/
AD8574
Figure 62. AD8571/AD8572/AD8574 Test Circuit for Power-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com