Electronic Components Datasheet Search
  English  ▼

X  

AD8571ARMZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD8571ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARMZ Datasheet(HTML) 1 Page - Analog Devices

  AD8571ARMZ Datasheet HTML 1Page - Analog Devices AD8571ARMZ Datasheet HTML 2Page - Analog Devices AD8571ARMZ Datasheet HTML 3Page - Analog Devices AD8571ARMZ Datasheet HTML 4Page - Analog Devices AD8571ARMZ Datasheet HTML 5Page - Analog Devices AD8571ARMZ Datasheet HTML 6Page - Analog Devices AD8571ARMZ Datasheet HTML 7Page - Analog Devices AD8571ARMZ Datasheet HTML 8Page - Analog Devices AD8571ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Zero-Drift, Single-Supply, Rail-to-Rail
Input/Output Operational Amplifiers
Data Sheet
AD8571/AD8572/AD8574
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1999–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low offset voltage: 1 μV
Input offset drift: 0.005 μV/°C
Rail-to-rail input and output swing
5 V/2.7 V single-supply operation
High gain: 145 dB typical
CMRR: 140 dB typical
PSRR: 130 dB typical
Ultralow input bias current: 10 pA typical
Low supply current: 750 μA per op amp
Overload recovery time: 50 μs
No external capacitors required
APPLICATIONS
Temperature sensors
Pressure sensors
Precision current sensing
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
GENERAL DESCRIPTION
This family of amplifiers has ultralow offset, drift, and bias
current. The AD8571/AD8572/AD85741 are single, dual, and
quad amplifiers, respectively, featuring rail-to-rail input and
output swings. All are guaranteed to operate from 2.7 V to 5 V
single supply.
The AD8571/AD8572/AD8574 provide benefits previously
found only in expensive auto-zeroing or chopper-stabilized
amplifiers. Using Analog Devices, Inc., topology, these zero-
drift amplifiers combine low cost with high accuracy. (No
external capacitors are required.) Using a spread-spectrum,
auto-zero technique, the AD8571/AD8572/AD8574 eliminate
the intermodulation effects from interaction of the chopping
function with the signal frequency in ac applications.
With an offset voltage of only 1 μV and drift of 0.005 μV/°C, the
AD8571/AD8572/AD8574 are perfectly suited for applications
where error sources cannot be tolerated. Position and pressure
sensors, medical equipment, and strain gage amplifiers benefit
greatly from nearly zero drift over their operating temperature
range. Many more systems require the rail-to-rail input and
output swings provided by the AD8571/AD8572/AD8574.
1 Protected by U.S. Patent 6,130,578.
PIN CONFIGURATIONS
V+
OUT A
NC
NC
NC = NO CONNECT
–IN A
+IN A
V–
NC
8
7
6
5
1
2
3
4
AD8571
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP (RM Suffix)
NC = NO CONNECT
AD8571
TOP VIEW
(Not to Scale)
NC
1
–IN A 2
+IN A 3
V–
4
NC
V+
OUT A
NC
8
7
6
5
Figure 2. 8-Lead SOIC (R Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
Figure 3. 8-Lead TSSOP (RU Suffix)
–IN A
+IN A
V–
OUT B
–IN B
+IN B
OUT A
V+
1
2
3
4
8
7
6
5
AD8572
TOP VIEW
(Not to Scale)
Figure 4. 8-Lead SOIC (R Suffix)
OUT A 1
–IN A 2
+IN A 3
V+
4
+IN B
5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
Figure 5. 14-Lead TSSOP (RU Suffix)
OUT A 1
–IN A 2
+IN A 3
V+
4
+IN B
5
OUT D
–IN D
+IN D
V–
+IN C
14
13
12
11
10
–IN B 6
OUT B 7
–IN C
OUT C
9
8
AD8574
TOP VIEW
(Not to Scale)
Figure 6. 14-Lead SOIC (R Suffix)
The AD8571/AD8572/AD8574 are specified for the extended
industrial/ automotive temperature range (−40°C to +125°C).
The AD8571 single amplifier is available in 8-lead MSOP and
narrow SOIC packages. The AD8572 dual amplifier is available in
8-lead narrow SOIC and surface-mount TSSOP packages. The
AD8574 quad amplifier is available in 14-lead narrow SOIC and
TSSOP packages.


Similar Part No. - AD8571ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ-R2 AD-AD8571ARMZ-R2 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571ARMZ-R2 AD-AD8571ARMZ-R2 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8571ARMZ-REEL AD-AD8571ARMZ-REEL Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571ARMZ-REEL AD-AD8571ARMZ-REEL Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
More results

Similar Description - AD8571ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551 AD-AD8551 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571ARMZ AD-AD8571ARMZ Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com