Electronic Components Datasheet Search
  English  ▼

X  

AD8571ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8571ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8571ARMZ Datasheet HTML 5Page - Analog Devices AD8571ARMZ Datasheet HTML 6Page - Analog Devices AD8571ARMZ Datasheet HTML 7Page - Analog Devices AD8571ARMZ Datasheet HTML 8Page - Analog Devices AD8571ARMZ Datasheet HTML 9Page - Analog Devices AD8571ARMZ Datasheet HTML 10Page - Analog Devices AD8571ARMZ Datasheet HTML 11Page - Analog Devices AD8571ARMZ Datasheet HTML 12Page - Analog Devices AD8571ARMZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD8571/AD8572/AD8574
Rev. F | Page 9 of 28
60
40
50
10
20
30
–10
0
–40
–30
–20
100
10k
1k
1M
100k
10M
FREQUENCY (Hz)
VS = 2.7V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 19. Closed-Loop Gain vs. Frequency
60
40
50
10
20
30
–10
0
–40
–30
–20
100
10k
1k
1M
100k
10M
FREQUENCY (Hz)
VS = 5V
CL = 20pF
RL = 2kΩ
AV = 100
AV = 10
AV = 1
Figure 20. Closed-Loop Gain vs. Frequency
300
240
270
150
180
210
90
120
0
30
60
100
10k
1k
10M
FREQUENCY (Hz)
AV = 1
AV = 100
AV = 10
VS = 2.7V
1M
100k
Figure 21. Output Impedance vs. Frequency
300
240
270
150
180
210
90
120
0
30
60
100
10k
1k
10M
FREQUENCY (Hz)
AV = 1
AV = 100
AV = 10
VS = 5V
1M
100k
Figure 22. Output Impedance vs. Frequency
VS = 2.7V
CL = 300pF
RL = 2kΩ
AV = 1
2µs
500mV
Figure 23. Large Signal Transient Response
VS = 5V
CL = 300pF
RL = 2kΩ
AV = 1
5µs
1V
Figure 24. Large Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com