Electronic Components Datasheet Search
  English  ▼

X  

AD8571ARMZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD8571ARMZ
Description  Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8571ARMZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8571ARMZ Datasheet HTML 8Page - Analog Devices AD8571ARMZ Datasheet HTML 9Page - Analog Devices AD8571ARMZ Datasheet HTML 10Page - Analog Devices AD8571ARMZ Datasheet HTML 11Page - Analog Devices AD8571ARMZ Datasheet HTML 12Page - Analog Devices AD8571ARMZ Datasheet HTML 13Page - Analog Devices AD8571ARMZ Datasheet HTML 14Page - Analog Devices AD8571ARMZ Datasheet HTML 15Page - Analog Devices AD8571ARMZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD8571/AD8572/AD8574
Data Sheet
Rev. F | Page 12 of 28
100
10k
1k
100k
1M
FREQUENCY (Hz)
5.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VS = ±2.5V
RL = 2kΩ
AV = 1
THD + N < 1%
TA = 25°C
Figure 37. Maximum Output Swing vs. Frequency
0V
VS = ±1.35V
AV = 120,000
1sec
50mV
Figure 38. 0.1 Hz to 10 Hz Noise
1sec
50mV
VS = ±2.5V
AV = 120,000
Figure 39. 0.1 Hz to 10 Hz Noise
VS = 2.7V
RS = 0Ω
312
364
208
260
104
156
52
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 40. Voltage Noise Density from 0 Hz to 2.5 kHz
VS = 2.7V
RS = 0Ω
96
112
64
80
32
48
16
0
5
10
15
20
25
FREQUENCY (kHz)
Figure 41. Voltage Noise Density from 0 Hz to 25 kHz
VS = 5V
RS = 0Ω
156
182
104
130
52
78
26
0
0.5
1.0
1.5
2.0
2.5
FREQUENCY (kHz)
Figure 42. Voltage Noise Density from 0 Hz to 2.5 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com