Electronic Components Datasheet Search
  English  ▼

X  

TDA9143 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 8Page - NXP Semiconductors TDA9143 Datasheet HTML 9Page - NXP Semiconductors TDA9143 Datasheet HTML 10Page - NXP Semiconductors TDA9143 Datasheet HTML 11Page - NXP Semiconductors TDA9143 Datasheet HTML 12Page - NXP Semiconductors TDA9143 Datasheet HTML 13Page - NXP Semiconductors TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
1996 Jan 17
12
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
Output port and in/output port
Two stand-alone ports are available for external use.
These ports are I2C-bus controlled, the output port by bus
bit OPB and the input/output port by bus bit OPA. Bus bit
OPA is an open-drain output, to enable input port
functionality. The pin status is read out by bus via output
bit IP.
Sandcastle
Figure 7 illustrates the timing of the acquisition sandcastle
(ASC) and the VA pulse with respect to the input signal.
The sandcastle signal is according to the two-level 5 V
sandcastle format. An external vertical guard current can
overrule the sink current to enable blanking purposes.
handbook, full pagewidth
MBG902
ASC
VA
ASC
ASC
VA
ASC
23
625
312
(1)
262
525
17
280
50 Hz
60 Hz
2nd FIELD
1st FIELD
336
2nd FIELD
1st FIELD
2nd FIELD
1st FIELD
2nd FIELD
1st FIELD
Fig.7 Acquisition sandcastle signal and VA pulse timing diagram.
(1) See Vertical Section in “Characteristics”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com