Electronic Components Datasheet Search
  English  ▼

X  

TDA9143 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 11Page - NXP Semiconductors TDA9143 Datasheet HTML 12Page - NXP Semiconductors TDA9143 Datasheet HTML 13Page - NXP Semiconductors TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
1996 Jan 17
15
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
Table 15 Enable fast switch
Table 16 External RGB clamp mode
Table 17 Forced RGB mode
Table 18 YUV outputs as a function of EFS, FRGB and
Fast switch F
Table 19 Hue
Table 20 Line-locked clock active
Table 21 Forced wide window
EFS
CONDITION
0
fast switch disabled
1
fast switch enabled, when FRGB = 0
ECL
CONDITION
0
off; internal clamp pulse is used
1
on; external clamp pulse has to be supplied
to CLP pin
FRGB
CONDITION
0
YUV, when disabled via EFS
1
forced RGB
EFS
FRGB
F
SELECTED INPUTS
00
−
YUV
−
1
−
RGB
100
YUV
101
RGB
FUNCTION
ADDRESS
DIGITAL NUMBER
Hue
HU5 to HU0
000000 =
−45°
111111 = +45
°
LCA
CONDITION
0
OPB/CLP mode
1
LLC/HA mode
FWW
CONDITION
0
auto window mode
1
forced wide window
Table 22 PALplus/EDTV-2 helper blanking (Y, U, V)
Table 23 Blanked sync on Yout
Table 24 Baseband delay line bypass; note 1.
Note
1. SECAM cannot be bypassed.
Table 25 Low power standby mode
Table 26 Enable MACROVISION gating
Table 27 Luminance delay control
HOB
HBC
SNR
BLANKING
0
−−
off
10
−
on
110
off
111
on
BSY
CONDITION
0
unblanked sync
1
blanked sync
BPS
CONDITION
0
no bypass
1
baseband delay line bypassed
LPS
CONDITION
0
normal operation
1
low power standby
EMG
CONDITION
0
disable gating
1
enable gating
YD3 to YD0
CONDITION
0000
−280 ns
1111
+160 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com