Electronic Components Datasheet Search
  English  ▼

X  

TDA9143 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 10Page - NXP Semiconductors TDA9143 Datasheet HTML 11Page - NXP Semiconductors TDA9143 Datasheet HTML 12Page - NXP Semiconductors TDA9143 Datasheet HTML 13Page - NXP Semiconductors TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
1996 Jan 17
14
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
INPUT SIGNALS
Table 5
Source select; note 1
Note
1. When ECMB = 1 and no current is drawn from the
Fscomb pin, source select is forced to be YC.
Table 6
Trap bypass; note 1
Note
1. The chrominance trap is always bypassed in YC
mode.
Table 7
Comb filter enable
Table 8
ϕ
1 time constant
Table 9
Crystal indication
INA
INB
SOURCE
0
0
CVBS
01
YC
1
−
auto CVBS/YC
TB
CONDITION
0
trap not bypassed
1
trap bypassed
ECMB
CONDITION
0
comb filter disabled
1
comb filter enabled
FOA
FOB
MODE
0
0
auto
0
1
slow
1
−
fast
XA
XB
CRYSTAL
00
2
× 3.6 MHz
01
1
× 3.6 MHz
10
1
× 4.4 MHz
11
1
× 3.6 MHz and 1 × 4.4 MHz
Table 10 Forced field frequency
Table 11 Output value I/O port
Table 12 Output value O port
Table 13
ϕ1 loop control
Table 14 Forced standard; note 1
Note
1. If XA and XB indicate that only one crystal is
connected to the IC and FM and FRQF force it to use
the second crystal, then colour will be switched off.
When SAF = 0, SECAM 60 Hz is disabled; when
SAF = 1, SECAM 60 Hz is enabled.
FORF
FORS
FIELD FREQUENCY
0
0
auto; 60 Hz if no lock
0
1
60 Hz
1
0
50 Hz
1
1
auto; 50 Hz if no lock
OPA
LEVEL
0
LOW
1
HIGH
OPB
LEVEL
0
LOW
1
HIGH
POC
CONDITION
0
ϕ1 loop closed
1
ϕ1 loop open
FM
SAF
FRQF
STANDARD
0
−−
auto search
1
0
0
PAL/NTSC second crystal
1
0
1
PAL/NTSC reference crystal
1
1
0
black and white
1
1
1
SECAM reference crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com