Electronic Components Datasheet Search
  English  ▼

X  

DS26334 Datasheet(PDF) 79 Page - Dallas Semiconductor

Part # DS26334
Description  3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334 Datasheet(HTML) 79 Page - Dallas Semiconductor

Back Button DS26334 Datasheet HTML 75Page - Dallas Semiconductor DS26334 Datasheet HTML 76Page - Dallas Semiconductor DS26334 Datasheet HTML 77Page - Dallas Semiconductor DS26334 Datasheet HTML 78Page - Dallas Semiconductor DS26334 Datasheet HTML 79Page - Dallas Semiconductor DS26334 Datasheet HTML 80Page - Dallas Semiconductor DS26334 Datasheet HTML 81Page - Dallas Semiconductor DS26334 Datasheet HTML 82Page - Dallas Semiconductor DS26334 Datasheet HTML 83Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 121 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
79 of 121
Register Name:
BTCR
Register Description:
Bit Error Rate Tester Control Register
Register Address (LIUs 1–8):
10h
Bit #
7
6
5
4
3
2
1
0
Name
BTS2
BTS1
BTS0
—
—
—
—
BERTE
Default
0
0
0
0
0
0
0
0
Note: This register enables the LIU1-LIU8 BERT. The BERT can only connect to one LIU at a time. The LIU1-LIU8 BERT operates
independently of the LIU9-LIU16 BERT.
Bits 7 to 5: Bit Error Rate Transceiver Select [2:0] (BTS[2:0]). These bits BTS[2:0] select the LIU that the BERT
applies to (see Table 6-18). This is only applicable if the BERTE bit is set.
Bit 0: Bit Error Rate Tester Enable (BERTE). When this bit is set and 2
μs have past, the BERT will be enabled.
The BERT register set should be written and read to only after being enabled. The BERT is only active for one LIU
at a time selected by BTS[2:0]. If the BERT is enabled on the transmit (line) side, the BERT data will be
automatically B8ZS/HDB3 encoded before it is transmitted.
Register Address (LIUs 9–16):
30h
Bit #
7
6
5
4
3
2
1
0
Name
BTS2
BTS1
BTS0
—
—
—
—
BERTE
Default
0
0
0
0
0
0
0
0
Note: This register enables the LIU9-LIU16 BERT. The BERT can only connect to one LIU at a time. The LIU9-LIU16 BERT operates
independently of the LIU1–LIU8 BERT.
Bits 7 to 5: Bit Error Rate Transceiver Select [2:0] (BTS[2:0]) These bits BTS[2:0] select the LIU that the BERT
applies too (see Table 6-19). This is only applicable if the BERTE bit is set.
Bit 0: Bit Error Rate Tester Enable (BERTE). When this bit is set and 2
μs have past, the BERT will be enabled.
The BERT register set should be written and read to only after being enabled. The BERT is only active for one LIU
at a time selected by BTS[2:0]. If the BERT is enabled on the transmit (line) side, the BERT data will be
automatically B8ZS/HDB3 encoded before it is transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com