Electronic Components Datasheet Search
  English  ▼

X  

DS26334 Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS26334
Description  3.3V, 16-Channel, E1/T1/J1 Shortand Long-Haul Line Interface Unit
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334 Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS26334 Datasheet HTML 35Page - Dallas Semiconductor DS26334 Datasheet HTML 36Page - Dallas Semiconductor DS26334 Datasheet HTML 37Page - Dallas Semiconductor DS26334 Datasheet HTML 38Page - Dallas Semiconductor DS26334 Datasheet HTML 39Page - Dallas Semiconductor DS26334 Datasheet HTML 40Page - Dallas Semiconductor DS26334 Datasheet HTML 41Page - Dallas Semiconductor DS26334 Datasheet HTML 42Page - Dallas Semiconductor DS26334 Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 121 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
39 of 121
6 REGISTER MAPS AND DEFINITION
Six address bits are used to control the settings of the registers. In the parallel nonmultiplexed mode address [5:0]
is used. In multiplexed mode AD[5:0] is used and A[6:1] is used in the serial mode. The register space contains two
independent sets of registers. The lower set of registers (LIUs 1–8) is located from address 00 hex to 1F hex and
contains controls for LIUs 1–8. The upper set of registers (LIUs 9–16) is a duplicate of the lower set, located from
address 20 hex to 3F hex that controls LIUs 9–16. Each of these sets of registers consists of four banks: Primary,
Secondary, Individual LIU, and BERT.
The ADDP register for the lower set of registers (LIUs 1–8) is located at address 1F hex. This register is used as a
pointer to access the 4 banks of registers in the lower (LIUs 1–8) register set. Similarly, the ADDP register for the
upper set of registers (LIUs 9–16) is located at address 3F hex. This register is used as a pointer to access the four
banks of registers in the upper (LIUs 9–16) register set. Setting an ADDP register to AA hex will access the
secondary bank of registers, 01 hex will access the Individual LIU bank of registers, 02 hex will access the BERT
bank of registers, and 00 hex (default on power-up) will access the Primary bank of registers. Note that bank
selection for the lower set of registers (LIUs 1–8) is controlled only by the ADDP at 1F hex and that bank selection
for the upper set of registers (LIUs 9–16) is controlled only by the ADDP at 3F hex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com