Electronic Components Datasheet Search
  English  ▼

X  

TDA9171 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA9171
Description  YUV picture improvement processor based on histogram modification and blue stretch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9171 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA9171 Datasheet HTML 3Page - NXP Semiconductors TDA9171 Datasheet HTML 4Page - NXP Semiconductors TDA9171 Datasheet HTML 5Page - NXP Semiconductors TDA9171 Datasheet HTML 6Page - NXP Semiconductors TDA9171 Datasheet HTML 7Page - NXP Semiconductors TDA9171 Datasheet HTML 8Page - NXP Semiconductors TDA9171 Datasheet HTML 9Page - NXP Semiconductors TDA9171 Datasheet HTML 10Page - NXP Semiconductors TDA9171 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Jun 17
7
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification and blue stretch
TDA9171
CHARACTERISTICS
VCC =8V; Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCC
supply voltage
7.2
−
8.8
V
ICC
supply current
−
35
−
mA
Vref
reference voltage
−
5.0
−
V
Iload
load current
−−
1mA
Luminance input and output selection
LUMINANCE INPUT (PIN 7)
ViY(es)
input voltage (excluding sync)
ViAMPSEL = low
−
0.3
0.45
V
ViAMPSEL = middle or high −
1.0
1.5
V
ViY(cl)
input voltage level during clamping
−
1.5
−
V
IY(bias)
input bias current
−−
0.1
µA
LUMINANCE INPUT VOLTAGE RANGE SELECTION (PIN 6)
ViAMPSEL(l)
input voltage for lower range
ViAMPSEL = low
−−
0.5
V
ViAMPSEL(h)
input voltage for higher range
ViAMPSEL = high
3.5
5.0
5.5
V
ViAMPSEL(m) input voltage for higher range
including 0.7 attenuation
ViAMPSEL = middle
1.5
−
2.5
V
IAMPSEL(bias) input bias current
−−
15
µA
LUMINANCE OUTPUT (PIN 14)
VoY(es)
output voltage (excluding sync)
ViAMPSEL = low
−
0.3
−
V
ViAMPSEL = high
−
1.0
−
V
VoY(is)
output voltage (including sync)
ViAMPSEL = middle
−
1.0
−
V
VoY(cl)
output voltage level during clamping
ViAMPSEL = low
−
2.8
−
V
ViAMPSEL = high
−
1.7
−
V
ViAMPSEL = middle
−
2.2
−
V
VoN
output voltage noise
with respect to peak
white
−−−52
dB
BY
bandwidth
minimum NLC gain
8
10
−
MHz
BY(nl)
bandwidth non-linear processing
10
−−
MHz
Ebl
black level error
minimum NLC gain
−−
1.0
%
EG(n)
nominal gain error
minimum NLC gain;
ViAMPSEL = low
−−
7%
minimum NLC gain;
ViAMPSEL = middle or high
−−
5%
CL
load capacitance
fi = 5 MHz
−−
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com