Electronic Components Datasheet Search
  English  ▼

X  

TDA9171 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9171
Description  YUV picture improvement processor based on histogram modification and blue stretch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9171 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9171 Datasheet HTML 1Page - NXP Semiconductors TDA9171 Datasheet HTML 2Page - NXP Semiconductors TDA9171 Datasheet HTML 3Page - NXP Semiconductors TDA9171 Datasheet HTML 4Page - NXP Semiconductors TDA9171 Datasheet HTML 5Page - NXP Semiconductors TDA9171 Datasheet HTML 6Page - NXP Semiconductors TDA9171 Datasheet HTML 7Page - NXP Semiconductors TDA9171 Datasheet HTML 8Page - NXP Semiconductors TDA9171 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1996 Jun 17
4
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification and blue stretch
TDA9171
PINNING
SYMBOL
PIN
DESCRIPTION
BLG
1
blue stretch gain input
UIN
2
U colour difference input
−UIN
VIN
3
V colour difference input
−VIN
NLC
4
non-linear gain control input
SC
5
sandcastle input
AMPSEL
6
amplitude select input
YIN
7
luminance input
TAUHM
8
time constant histogram input
HM1
9
histogram segment memory 1 input
HM2
10
histogram segment memory 2 input
HM3
11
histogram segment memory 3 input
HM4
12
histogram segment memory 4 input
HM5
13
histogram segment memory 5 input
YOUT
14
luminance output
VEE
15
ground
VCC
16
supply voltage
Vref
17
reference voltage output
VOUT
18
colour difference output
−VOUT
UOUT
19
colour difference output
−UOUT
BLM
20
activation level blue stretch input
Fig.2 Pin configuration.
handbook, halfpage
TDA9171
MBE989
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
BLM
UOUT
VOUT
Vref
VCC
VEE
YOUT
HM5
HM4
HM3
BLG
UIN
VIN
NLC
SC
AMPSEL
YIN
TAUHM
HM1
HM2
FUNCTIONAL DESCRIPTION
Input selection and amplification
The dynamic range of the luminance input amplifier is
0.3 or 1 V (excluding sync) typically, depending on the
logic level at pin AMPSEL (pin 6). Amplitudes which
extend the corresponding specified range will be clipped
smoothly, however, the sync is processed to the output
transparently. The non-linear gain setting will have
minimum effect.
Optionally, in the 1 V input mode, the Y output can be
attenuated by a factor of 0.7 by means of an intermediate
level at pin AMPSEL. This option is meant for correctly
interfacing the combed CVBS signal to the video
processor in a YC-application.
The input is clamped during the logic HIGH period of the
CLP, defined by the sandcastle reference, and should be
DC-decoupled with an external capacitor.
Histogram measurement
For the luminance signal the histogram distribution is
measured in real-time over five segments (HM1 to HM5) in
each field. During the period that the luminance is in one
segment, a corresponding external capacitor HMx is
loaded via a current source. At the end of the field five
segment voltages are stored from the external capacitors
into on-board memories. The external capacitors are
discharged and the measurements are repeated.
Parts in the scene that do not contribute to the information
in that scene should be omitted from the histogram
measurement. No measurements are performed during
the blanking period defined by the sandcastle.
The miscount detector disables measurements until it
detects changing parts. Additionally, luminance values
close to full scale (or white) do not contribute as well in
order to maintain the absolute light output. This procedure
is allowed because the eye is less sensitive to detail in
white.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com