Electronic Components Datasheet Search
  English  ▼

X  

TDA9171 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9171
Description  YUV picture improvement processor based on histogram modification and blue stretch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9171 Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9171 Datasheet HTML 1Page - NXP Semiconductors TDA9171 Datasheet HTML 2Page - NXP Semiconductors TDA9171 Datasheet HTML 3Page - NXP Semiconductors TDA9171 Datasheet HTML 4Page - NXP Semiconductors TDA9171 Datasheet HTML 5Page - NXP Semiconductors TDA9171 Datasheet HTML 6Page - NXP Semiconductors TDA9171 Datasheet HTML 7Page - NXP Semiconductors TDA9171 Datasheet HTML 8Page - NXP Semiconductors TDA9171 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1996 Jun 17
2
Philips Semiconductors
Preliminary specification
YUV picture improvement processor based
on histogram modification and blue stretch
TDA9171
FEATURES
• Picture content dependent non-linear Y and U,V
processing by luminance histogram analysis
• TV standard independent
• Incredible blue stretch
• Optional YC-processing.
GENERAL DESCRIPTION
The TDA9171 is a transparent analog video processor
with YUV input and output interfaces.
The luminance transfer is controlled in a non-linear way by
the distribution, in 5 discrete histogram sections, of the
luminance values measured in a picture. As a result, the
contrast ratio of the most important parts of the scene will
be improved.
So as to maintain a proper colour reproduction the
saturation of the
−U and −V colour difference signals are
also controlled as a function of the actual non-linearity in
the luminance channel.
Optionally, the YUV blue stretch circuitry can be activated
which offsets colours near white towards blue.
The supply voltage is 8 V.
The device is contained in a 20 lead dual in-line package.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
VCC
supply voltage
7.2
−
8.8
V
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9171
DIP20
plastic dual in-line package; 20 leads; (300 mil); no heat spreader
SOT146-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com