Electronic Components Datasheet Search
  English  ▼

X  

MAX4012 Datasheet(PDF) 5 Page - Analog Devices

Part # MAX4012
Description  Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4012 Datasheet(HTML) 5 Page - Analog Devices

  MAX4012 Datasheet HTML 1Page - Analog Devices MAX4012 Datasheet HTML 2Page - Analog Devices MAX4012 Datasheet HTML 3Page - Analog Devices MAX4012 Datasheet HTML 4Page - Analog Devices MAX4012 Datasheet HTML 5Page - Analog Devices MAX4012 Datasheet HTML 6Page - Analog Devices MAX4012 Datasheet HTML 7Page - Analog Devices MAX4012 Datasheet HTML 8Page - Analog Devices MAX4012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
(VCC = 5V, VEE = 0, AVCL = 1, RF = 24Ω, RL = 100Ω to VCC/2, TA = +25°C, unless otherwise noted.)
Analog Devices │ 5
www.analog.com
MAX4012/MAX4016/
MAX4018/MAX4020
Low-Cost, High-Speed, Single-Supply
Op Amps with Rail-to-Rail Outputs
Typical Operating Characteristics
9
-1
100k
1M
10M
100M
1G
MAX4016/MAX4018/MAX4020
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = 2)
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = 2
VOUT = 20mVP-P
4
-6
100k
1M
10M
100M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
VOUT = 2VP-P
VOUT BIAS = 1.75V
0.7
-0.3
0.1M
1M
10M
100M
1G
MAX4012
GAIN FLATNESS vs. FREQUENCY
-0.1
FREQUENCY (Hz)
0.1
0.3
0.5
0.6
-0.2
0
0.2
0.4
AVCL = 1
VOUT = 20mVP-P
4
-6
100k
1M
10M
100M
1G
MAX4012
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = 1)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
AVCL = 1
VOUT = 20mVP-P
3
-7
100k
1M
10M
100M
1G
MAX4016/MAX4018/MAX4020
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = 1)
-5
FREQUENCY (Hz)
-3
-1
1
2
-6
-4
-2
0
AVCL = 1
VOUT = 20mVP-P
9
-1
100k
1M
10M
100M
1G
MAX4012
SMALL-SIGNAL GAIN vs. FREQUENCY
(AVCL = 2)
1
FREQUENCY (Hz)
3
5
7
8
0
2
4
6
AVCL = 2
VOUT = 20mVP-P
0.5
-0.5
0.1M
1M
10M
100M
1G
MAX4016/MAX4018/MAX4020
GAIN FLATNESS vs. FREQUENCY
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
0.4
-0.4
-0.2
0
0.2
AVCL = 1
VOUT = 20mVP-P
50
-150
100k
1M
10M
100M
1G
MAX4016/MAX4018/MAX4020
CROSSTALK vs. FREQUENCY
-110
FREQUENCY (Hz)
-70
-30
10
30
-130
-90
-50
-10
RS = 50Ω
1000
0.1
0.1M
1M
10M
100M
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100
1
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com