Electronic Components Datasheet Search
  English  ▼

X  

MAX4012 Datasheet(PDF) 12 Page - Analog Devices

Part # MAX4012
Description  Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4012 Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX4012 Datasheet HTML 8Page - Analog Devices MAX4012 Datasheet HTML 9Page - Analog Devices MAX4012 Datasheet HTML 10Page - Analog Devices MAX4012 Datasheet HTML 11Page - Analog Devices MAX4012 Datasheet HTML 12Page - Analog Devices MAX4012 Datasheet HTML 13Page - Analog Devices MAX4012 Datasheet HTML 14Page - Analog Devices MAX4012 Datasheet HTML 15Page - Analog Devices MAX4012 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
To implement the mux function, the outputs of multiple
amplifiers can be tied together, and only the amplifier with
the selected input will be enabled. All of the other ampli-
fiers will be placed in the low-power shutdown mode, with
their high output impedance presenting very little load to
the active amplifier output. For gains of +2 or greater, the
feedback network impedance of all the amplifiers used in
a mux application must be considered when calculating
the total load on the active amplifier output
Output Capacitive Loading and Stability
The MAX4012/MAX4016/MAX4018/MAX4020 are opti-
mized for AC performance. They are not designed to drive
highly reactive loads, which decreases phase margin and
may produce excessive ringing and oscillation. Figure 5
shows a circuit that eliminates this problem. Figure 6 is
a graph of the optimal isolation resistor (RS) vs. capaci-
tive load. Figure 7 shows how a capacitive load causes
excessive peaking of the amplifier’s frequency response if
the capacitor is not isolated from the amplifier by a resis-
tor. A small isolation resistor (usually 20Ω to 30Ω) placed
before the reactive load prevents ringing and oscillation.
At higher capacitive loads, AC performance is controlled
by the interaction of the load capacitance and the isola-
tion resistor. Figure 8 shows the effect of a 27Ω isolation
resistor on closed-loop response.
Coaxial cable and other transmission lines are easily
driven when properly terminated at both ends with their
characteristic impedance. Driving back-terminated trans-
mission lines essentially eliminates the line’s capacitance.
Figure 2. Enable Logic-Low Input Current vs. VIL
Figure 3. Circuit to Reduce Enable Logic-Low Input Current
Figure 4. Enable Logic-Low Input Current vs. VIL with 10kΩ
Series Resistor
www.analog.com
Analog Devices │ 12
MAX4012/MAX4016/
MAX4018/MAX4020
Low-Cost, High-Speed, Single-Supply
Op Amps with Rail-to-Rail Outputs
20
-160
0 50 100 150
300 350
500
-100
-120
0
mV ABOVE VEE
200 250
400 450
-60
-140
-20
-40
-80
OUT
IN-
EN_
IN+
10kΩ
ENABLE
MAX40_ _
20
-160
0 50 100 150
300 350
500
-100
-120
0
mV ABOVE VEE
200 250
400 450
-60
-140
-20
-40
-80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com