Electronic Components Datasheet Search
  English  ▼

X  

MAX4012 Datasheet(PDF) 11 Page - Analog Devices

Part # MAX4012
Description  Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4012 Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX4012 Datasheet HTML 7Page - Analog Devices MAX4012 Datasheet HTML 8Page - Analog Devices MAX4012 Datasheet HTML 9Page - Analog Devices MAX4012 Datasheet HTML 10Page - Analog Devices MAX4012 Datasheet HTML 11Page - Analog Devices MAX4012 Datasheet HTML 12Page - Analog Devices MAX4012 Datasheet HTML 13Page - Analog Devices MAX4012 Datasheet HTML 14Page - Analog Devices MAX4012 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Analog Devices recommends using microstrip and strip-
line techniques to obtain full bandwidth. To ensure that
the PC board does not degrade the amplifier’s perfor-
mance, design it for a frequency greater than 1GHz.
Pay careful attention to inputs and outputs to avoid large
parasitic capacitance. Whether or not you use a constant-
impedance board, observe the following guidelines when
designing the board:
● Don’t use wire-wrap boards because they are too
inductive.
● Don’t use IC sockets because they increase parasitic
capacitance and inductance.
● Use surface-mount instead of through-hole compo-
nents for better high-frequency performance.
● Use a PC board with at least two layers; it should be
as free from voids as possible.
● Keep signal lines as short and as straight as possible.
Do not make 90° turns; round all corners.
Rail-to-Rail Outputs,
Ground-Sensing Input
The input common-mode range extends from (VEE -
200mV) to (VCC - 2.25V) with excellent common-mode
rejection. Beyond this range, the amplifier output is a non-
linear function of the input, but does not undergo phase
reversal or latchup.
The output swings to within 60mV of either power-supply
rail with a 2kΩ load. The input ground-sensing and
the rail-to-rail output substantially increase the dynamic
range. With a symmetric input in a single 5V application,
the input can swing 2.95VP-P, and the output can swing
4.9VP-P with minimal distortion.
Enable Input and Disabled Output
The enable feature (EN_) allows the amplifier to be placed
in a low-power, high-output-impedance state. Typically,
the EN_ logic low input current (IIL) is small. However, as
the EN voltage (VIL) approaches the negative supply rail,
IIL increases (Figure 2). A single resistor connected as
shown in Figure 3 prevents the rise in the logic-low input
current. This resistor provides a feedback mechanism that
increases VIL as the logic input is brought to VEE. Figure
4 shows the resulting input current (IIL).
When the MAX4018 is disabled, the amplifier’s output
impedance is 35kΩ. This high resistance and the low
2pF output capacitance make this part ideal in RF/video
multiplexer or switch applications. For larger arrays, pay
careful attention to capacitive loading. See the Output
Capacitive Loading and Stability section for more infor-
mation.
Table 1. Recommended Component Values
COMPONENT
GAIN (V/V)
+1
-1
+2
-2
+5
-5
+10
-10
+25
-25
RF (Ω)
24
500
500
500
500
500
500
500
500
1200
RG (Ω)
∞
500
500
250
124
100
56
50
20
50
RS (Ω)
—
0
—
0
—
0
—
0
—
0
RTIN (Ω)
49.9
56
49.9
62
49.9
100
49.9
∞
49.9
∞
RTO (Ω)
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
49.9
Small-Signal -3dB Bandwidth (MHz)
200
90
105
60
25
33
11
25
6
10
Note: RL = RO + RTO; RTIN and RTO are calculated for 50Ω applications. For 75Ω systems, RTO = 75Ω; calculate RTIN from the
following equation:
TIN
G
75
R
75
1
R
=
Ω
−
www.analog.com
Analog Devices │ 11
MAX4012/MAX4016/
MAX4018/MAX4020
Low-Cost, High-Speed, Single-Supply
Op Amps with Rail-to-Rail Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com