Electronic Components Datasheet Search
  English  ▼

X  

R8C22 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # R8C22
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C22 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button R8C22 Datasheet HTML 26Page - Renesas Technology Corp R8C22 Datasheet HTML 27Page - Renesas Technology Corp R8C22 Datasheet HTML 28Page - Renesas Technology Corp R8C22 Datasheet HTML 29Page - Renesas Technology Corp R8C22 Datasheet HTML 30Page - Renesas Technology Corp R8C22 Datasheet HTML 31Page - Renesas Technology Corp R8C22 Datasheet HTML 32Page - Renesas Technology Corp R8C22 Datasheet HTML 33Page - Renesas Technology Corp R8C22 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.1.10 Mar 16, 2007
Page 30 of 48
REJ03B0097-0110
NOTES:
1.
VCC=2.7 to 5.5 V at Topr = -40 to 85
°C (D, J version) / -40 to 125°C (K version), unless otherwise specified.
2.
Definition of program and erase
The program and erase endurance show an erase endurance for every block. If the program and erase endurance is n times
(n = 100, 1,000, 10,000), n times erase can be performed for every block. For example, if performing 1-byte write to the
distinct addresses on block A of 1 Kbyte block 1,024 times and then erasing that block, program and erase endurance is
counted as one time. However, do not perform multiple programs to the same address for one time ease.(disable
overwriting).
3.
Endurance to guarantee all electrical characteristics after program and erase.(1 to Min. value can be guaranteed).
4.
In the case of a system to execute multiple programs, perform one erase after programming as reducing effective reprogram
endurance not to leave blank area as possible such as programming write addresses in turn. If programming a set of 16
bytes, programming up to 128 sets and then erasing them one time can reduce effective reprogram endurance. To leave
erase endurance for every block as information and determine the restricted endurance are recommended.
5.
If error occurs during block erase, attempt to execute the clear status register command, then the block erase command at
least three times until the erase error does not occur.
6.
Customers desiring program/erase failure rate information should contact their Renesas technical support representative.
7.
The data hold time includes time that the power supply is off or the clock is not supplied.
Table 5.4
Flash Memory (Program ROM) Electrical Characteristics
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
−
Program/erase endurance(2)
R8C/22 Group
100(3)
−−
times
R8C/23 Group
1,000(3)
−−
times
−
Byte program time
−
50
400
µs
−
Block erase time
−
0.4
9
s
td(SR-SUS)
Time delay from suspend request until
erase suspend
−−
97 + CPU clock
× 6 cycle
µs
−
Interval from erase start/restart until
following suspend request
650
−−
µs
−
Interval from program start/restart until
following suspend request
0
−−
ns
−
Time from suspend until program/erase
restart
−−
3 + CPU clock
×
4 cycle
µs
−
Program, erase voltage
2.7
−
5.5
V
−
Read voltage
2.7
−
5.5
V
−
Program, erase temperature
0
−
60
°C
−
Data hold time(7)
Ambient temperature = 55
°C20
−−
year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com