Electronic Components Datasheet Search
  English  ▼

X  

R8C22 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R8C22
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C22 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R8C22 Datasheet HTML 29Page - Renesas Technology Corp R8C22 Datasheet HTML 30Page - Renesas Technology Corp R8C22 Datasheet HTML 31Page - Renesas Technology Corp R8C22 Datasheet HTML 32Page - Renesas Technology Corp R8C22 Datasheet HTML 33Page - Renesas Technology Corp R8C22 Datasheet HTML 34Page - Renesas Technology Corp R8C22 Datasheet HTML 35Page - Renesas Technology Corp R8C22 Datasheet HTML 36Page - Renesas Technology Corp R8C22 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.1.10 Mar 16, 2007
Page 33 of 48
REJ03B0097-0110
NOTES:
1.
Topr = -40
°C to 85°C (D, J version) / -40°C to 125°C (K version), unless otherwise specified.
2.
When the condition is Vcc
≥ 1.0, this parameter is not need.
3.
To use the power-on reset function, enable voltage monitor 1 reset by setting the LVD1ON bit in the OFS register to 0, the
VW1C0 and VW1C6 bits in the VW1C register to 1 respectively, and the VCA26 bit in the VCA2 register to 1.
4.
tw(por1) indicates the duration the external power VCC must be held below the effective voltage (Vpor1) to enable a power
on reset. When turning on the power for the first time, maintain tw(por1) for 30s or more if -20
°C ≤ Topr ≤ 125°C, maintain
tw(por1) for 3,000s or more if -40
°C ≤ Topr < -20°C.
Figure 5.3
Power-on Reset Circuit Electrical Characteristics
Table 5.8
Power-on Reset Circuit, Voltage Monitor 1 Reset Circuit Electrical Characteristics(1)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vpor1
Power-on reset valid voltage(4)
−−
0.1
V
Vpor2
Power-on reset or vlotage monitor 1 valid voltage
0
−
Vdet1
V
trth
External power Vcc rise gradient(2)
20
−−
mV/msec
Vdet1(3)
Vpor1
tw(por1)
Vdet1(3)
Vpor2
× 32
1
fOCO-S
× 32
1
fOCO-S
2.7V
trth
trth
External power Vcc
NOTES:
1. Hold the voltage of the MCU operation voltage range (2.7 V or above) within sampling time.
2. The sampling clock can be selected. Refer to 6. Voltage Detection Circuit for details.
3. Vdet1 indicates the voltage detection level of the voltage detection 1 circuit. Refer to 6. Voltage Detection Circuit for details.
Internal reset signal
(“L” valid)
Sampling time(1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com