Electronic Components Datasheet Search
  English  ▼

X  

R8C22 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # R8C22
Description  MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C22 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button R8C22 Datasheet HTML 28Page - Renesas Technology Corp R8C22 Datasheet HTML 29Page - Renesas Technology Corp R8C22 Datasheet HTML 30Page - Renesas Technology Corp R8C22 Datasheet HTML 31Page - Renesas Technology Corp R8C22 Datasheet HTML 32Page - Renesas Technology Corp R8C22 Datasheet HTML 33Page - Renesas Technology Corp R8C22 Datasheet HTML 34Page - Renesas Technology Corp R8C22 Datasheet HTML 35Page - Renesas Technology Corp R8C22 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
R8C/22 Group, R8C/23 Group
5. Electrical Characteristics
Rev.1.10 Mar 16, 2007
Page 32 of 48
REJ03B0097-0110
Figure 5.2
Time delay until Suspend
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85°C (D, J version) / -40°C to 125°C (K version).
2.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
3.
Hold Vdet2 > Vdet1.
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85°C (D, J version) / -40°C to 125°C (K version).
2.
Time until the voltage monitor 2 interrupt request is generated since the voltage passes Vdet2.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
4.
Hold Vdet2 > Vdet1.
Table 5.6
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level(3)
2.70
2.85
3.00
V
−
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(2)
−−
100
µs
Vccmin
MCU operatingvVoltage minimum value
2.70
−−
V
Table 5.7
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level(4)
3.3
3.6
3.9
V
−
Voltage monitor 2 interrupt request generation time(2)
−
40
−µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
FMR46
Suspend request
(Maskable interrupt request)
Fixed time
td(SR-SUS)
Clock-dependent time
Access restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com