Electronic Components Datasheet Search
  English  ▼

X  

M30302GDPFP Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # M30302GDPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GDPFP Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button M30302GDPFP Datasheet HTML 37Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 38Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 39Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 40Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 41Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 42Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 43Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 44Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
M16C/30P Group
5. Electrical Characteristics
Rev.1.22
Mar 30, 2007
Page 41 of 53
REJ03B0088-0122
VCC1=VCC2=3V
NOTES:
1.
Referenced to VCC1 = VCC2 = 2.7 to 3.3V, VSS = 0V at Topr =
−20 to 85°C / −40 to 85°C, f(XIN)=10MHz no wait unless
otherwise specified.
Table 5.27
Electrical Characteristics (1) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH=
−1mA
VCC
−0.5
VCC
V
VOH
HIGH Output Voltage
XOUT
HIGHPOWER
IOH=
−0.1mA
VCC
−0.5
VCC
V
LOWPOWER
IOH=
−50μAVCC−0.5
VCC
HIGH Output Voltage XCOUT
HIGHPOWER
With no load applied
2.5
V
LOWPOWER
With no load applied
1.6
VOL
LOW
Output
Voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOL=1mA
0.5
V
VOL
LOW Output Voltage XOUT
HIGHPOWER
IOL=0.1mA
0.5
V
LOWPOWER
IOL=50
μA0.5
LOW Output Voltage XCOUT
HIGHPOWER
With no load applied
0
V
LOWPOWER
With no load applied
0
VT+-VT-
Hysteresis
TA0IN to TA2IN,
TB0IN to TB2IN, INT0 to INT4, NMI,
ADTRG, CTS0 to CTS2, RXD0 to RXD2,
CLK0 to CLK2, TA0OUT to TA2OUT,
KI0 to KI3, SCL0 to SCL2, SDA0 to SDA2
0.2
0.8
V
VT+-VT-
Hysteresis
RESET
0.2
(0.7)
1.8
V
IIH
HIGH Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
VI=3V
4.0
μA
IIL
LOW Input
Current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
XIN, RESET, CNVSS, BYTE
VI=0V
−4.0
μA
RPULLUP
Pull-Up
Resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
VI=0V
50
100
500
k
Ω
RfXIN
Feedback Resistance
XIN
3.0
M
Ω
RfXCIN
Feedback Resistance
XCIN
25
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com