Electronic Components Datasheet Search
  English  ▼

X  

M30302GDPFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M30302GDPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GDPFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M30302GDPFP Datasheet HTML 14Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 15Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 16Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 17Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 18Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 19Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 20Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 21Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
M16C/30P Group
4. Special Function Register (SFR)
Rev.1.22
Mar 30, 2007
Page 18 of 53
REJ03B0088-0122
4.
Special Function Register (SFR)
SFR(Special Function Register) is the control register of peripheral functions. Tables 4.1 to 4.5 list the SFR
information.
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
The PM00 and PM01 bits do not change at software reset.
X : Nothing is mapped to this bit
Table 4.1
SFR Information (1) (1)
Address
Register
Symbol
After Reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0 (2)
PM0
00000000b(CNVSS pin is
“L”)
00000011b(CNVSS pin is
“H”)
0005h
Processor Mode Register 1
PM1
00XXX0X0b
0006h
System Clock Control Register 0
CM0
01001000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
Chip Select Control Register
CSR
00000001b
0009h
Address Match Interrupt Enable Register
AIER
XXXXXX00b
000Ah
Protect Register
PRCR
XX000000b
000Bh
000Ch
000Dh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
00XXXXXXb
0010h
Address Match Interrupt Register 0
RMAD0
00h
0011h
00h
0012h
X0h
0013h
0014h
Address Match Interrupt Register 1
RMAD1
00h
0015h
00h
0016h
X0h
0017h
0018h
0019h
001Ah
001Bh
001Ch
001Dh
001Eh
001Fh
0020h
DMA0 Source Pointer
SAR0
XXh
0021h
XXh
0022h
XXh
0023h
0024h
DMA0 Destination Pointer
DAR0
XXh
0025h
XXh
0026h
XXh
0027h
0028h
DMA0 Transfer Counter
TCR0
XXh
0029h
XXh
002Ah
002Bh
002Ch
DMA0 Control Register
DM0CON
00000X00b
002Dh
002Eh
002Fh
0030h
DMA1 Source Pointer
SAR1
XXh
0031h
XXh
0032h
XXh
0033h
0034h
DMA1 Destination Pointer
DAR1
XXh
0035h
XXh
0036h
XXh
0037h
0038h
DMA1 Transfer Counter
TCR1
XXh
0039h
XXh
003Ah
003Bh
003Ch
DMA1 Control Register
DM1CON
00000X00b
003Dh
003Eh
003Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com