Electronic Components Datasheet Search
  English  ▼

X  

M30302GDPFP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M30302GDPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30302GDPFP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M30302GDPFP Datasheet HTML 8Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 9Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 10Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 11Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 12Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 13Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 14Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 15Page - Renesas Technology Corp M30302GDPFP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
M16C/30P Group
1. Overview
Rev.1.22
Mar 30, 2007
Page 12 of 53
REJ03B0088-0122
1.6
Pin Description
I : Input
O : Output
I/O : Input and output
Table 1.8
Pin Description (1)
Signal Name
Pin Name
I/O Type
Description
Power supply input
VCC1, VCC2
VSS
I
Apply 2.7 to 5.5 V to the VCC1 and VCC2 pins and 0 V to the VSS
pin. The VCC apply condition is that VCC1 = VCC2.
Analog power
supply input
AVCC
AVSS
I
Applies the power supply for the A/D converter. Connect the AVCC
pin to VCC1. Connect the AVSS pin to VSS.
Reset input
RESET
I
The microcomputer is in a reset state when applying “L” to the this
pin.
CNVSS
CNVSS
I
Switches processor mode. Connect this pin to VSS to when after
a reset to start up in single-chip mode. Connect this pin to VCC1 to
start up in microprocessor mode.
External data bus
width select input
BYTE
I
Switches the data bus in external memory space. The data bus is
16 bits long when the this pin is held "L" and 8 bits long when the
this pin is held "H". Set it to either one. Connect this pin to VSS
when an single-chip mode.
Bus control pins
D0 to D7
I/O
Inputs and outputs data (D0 to D7) when these pins are set as the
separate bus.
D8 to D15
I/O
Inputs and outputs data (D8 to D15) when external 16-bit data bus
is set as the separate bus.
A0 to A19
O
Output address bits (A0 to A19).
CS0 to CS3
O
Output CS0 to CS3 signals. CS0 to CS3 are chip-select signals to
specify an external space.
WRL/WR
WRH/BHE
RD
O
Output WRL, WRH, (WR, BHE), RD signals. WRL and WRH or
BHE and WR can be switched by program.
• WRL, WRH and RD are selected
The WRL signal becomes "L" by writing data to an even address in
an external memory space.
The WRH signal becomes "L" by writing data to an odd address in
an external memory space.
The RD pin signal becomes "L" by reading data in an external
memory space.
• WR, BHE and RD are selected
The WR signal becomes "L" by writing data in an external memory space.
The RD signal becomes "L" by reading data in an external memory space.
The BHE signal becomes "L" by accessing an odd address.
Select WR, BHE and RD for an external 8-bit data bus.
ALE
O
ALE is a signal to latch the address.
HOLD
I
While the HOLD pin is held "L", the microcomputer is placed in a
hold state.
HLDA
O
In a hold state, HLDA outputs a "L" signal.
RDY
I
While applying a "L" signal to the RDY pin, the microcomputer is
placed in a wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com