Electronic Components Datasheet Search
  English  ▼

X  

38D5 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 38D5
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38D5 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 38D5 Datasheet HTML 42Page - Renesas Technology Corp 38D5 Datasheet HTML 43Page - Renesas Technology Corp 38D5 Datasheet HTML 44Page - Renesas Technology Corp 38D5 Datasheet HTML 45Page - Renesas Technology Corp 38D5 Datasheet HTML 46Page - Renesas Technology Corp 38D5 Datasheet HTML 47Page - Renesas Technology Corp 38D5 Datasheet HTML 48Page - Renesas Technology Corp 38D5 Datasheet HTML 49Page - Renesas Technology Corp 38D5 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 141 page
background image
Rev.3.01
Aug 08, 2007
Page 46 of 134
REJ03B0158-0301
38D5 Group
Fig. 37 Structure of serial I/O1 related registers
b7
b0
b7
b0
b7
b0
BRG count source selection bit (CSS)
0:
φSOURCE
1:
φSOURCE/4
Serial I/O1 synchronous clock selection bit (SCS)
0: BRG output divided by 4 when clock synchronous
serial I/O is selected.
BRG output divided by 16 when UART is selected.
1: External clock input when clock synchronous serial
I/O is selected.
External clock input divided by 16 when UART is selected.
SRDY1 output enable bit (SRDY)
0: P43 pin operates as ordinary I/O pin
1: P43 pin operates as SRDY1 output pin
Transmit interrupt source selection bit (TIC)
0: Interrupt when transmit buffer has emptied
1: Interrupt when transmit shift operation is completed
Transmit enable bit (TE)
0: Transmit disabled
1: Transmit enabled
Receive enable bit (RE)
0: Receive disabled
1: Receive enabled
Serial I/O1 mode selection bit (SIOM)
0: Clock asynchronous (UART) serial I/O
1: Clock synchronous serial I/O
Serial I/O1 enable bit (SIOE)
0: Serial I/O1 disabled
(pins P40 to P43 operate as ordinary I/O pins)
1: Serial I/O1 enabled
(pins P40 to P43 operate as serial I/O pins)
Transmit buffer empty flag (TBE)
0: Buffer full
1: Buffer empty
Receive buffer full flag (RBF)
0: Buffer empty
1: Buffer full
Transmit shift completion flag (TSC)
0: Transmit shift in progress
1: Transmit shift completed
Overrun error flag (OE)
0: No error
1: Overrun error
Parity error flag (PE)
0: No error
1: Parity error
Framing error flag (FE)
0: No error
1: Framing error
Summing error flag (SE)
0: (OE) U (PE) U (FE)=0
1: (OE) U (PE) U (FE)=1
Not used (returns “1” when read)
Serial I/O1 control register
(SIO1CON : address 001A16)
Serial I/O1 status register
(SIO1STS : address 001916)
Character length selection bit (CHAS)
0: 8 bits
1: 7 bits
Parity enable bit (PARE)
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit (PARS)
0: Even parity
1: Odd parity
Stop bit length selection bit (STPS)
0: 1 stop bit
1: 2 stop bits
P41/TXD P-channel output disable bit (POFF)
0: CMOS output (in output mode)
1: N-channel open drain output (in output mode)
Not used (return “1” when read)
UART control register
(UARTCON : address 001B16)
(1)
Note1:
φSOURCE indicates the followings:
•XIN input in the frequency/2, 4, or 8 mode
•On-chip oscillator divided by 4 in the on-chip oscillator mode
•Sub-clock in the low-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com