Electronic Components Datasheet Search
  English  ▼

X  

R8C2E Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R8C2E
Description  MCU
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2E Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R8C2E Datasheet HTML 29Page - Renesas Technology Corp R8C2E Datasheet HTML 30Page - Renesas Technology Corp R8C2E Datasheet HTML 31Page - Renesas Technology Corp R8C2E Datasheet HTML 32Page - Renesas Technology Corp R8C2E Datasheet HTML 33Page - Renesas Technology Corp R8C2E Datasheet HTML 34Page - Renesas Technology Corp R8C2E Datasheet HTML 35Page - Renesas Technology Corp R8C2E Datasheet HTML 36Page - Renesas Technology Corp R8C2E Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
R8C/2E Group, R8C/2F Group
4. Special Function Registers (SFRs)
Rev.1.00
Dec 14, 2007
Page 17 of 332
REJ09B0349-0100
4.
Special Function Registers (SFRs)
An SFR (special function register) is a control register for a peripheral function. Tables 4.1 to 4.7 list the special
function registers.
Table 4.1
SFR Information (1)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
Software reset, watchdog timer reset, and voltage monitor 1 reset or voltage monitor 2 reset do not affect this register.
3.
Software reset, watchdog timer reset, and voltage monitor 1 reset or voltage monitor 2 reset do not affect b2 and b3.
4.
The CSPROINI bit in the OFS register is set to 0.
Address
Register
Symbol
After reset
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
00h
0005h
Processor Mode Register 1
PM1
00h
0006h
System Clock Control Register 0
CM0
01101000b
0007h
System Clock Control Register 1
CM1
00100000b
0008h
0009h
000Ah
Protect Register
PRCR
00h
000Bh
000Ch
Oscillation Stop Detection Register
OCD
00000100b
000Dh
Watchdog Timer Reset Register
WDTR
XXh
000Eh
Watchdog Timer Start Register
WDTS
XXh
000Fh
Watchdog Timer Control Register
WDC
00X11111b
0010h
Address Match Interrupt Register 0
RMAD0
00h
0011h
00h
0012h
00h
0013h
Address Match Interrupt Enable Register
AIER
00h
0014h
Address Match Interrupt Register 1
RMAD1
00h
0015h
00h
0016h
00h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
00h
10000000b(4)
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0
FRA0
00h
0024h
High-Speed On-Chip Oscillator Control Register 1
FRA1
When shipping
0025h
High-Speed On-Chip Oscillator Control Register 2
FRA2
00h
0026h
0027h
0028h
0029h
002Ah
002Bh
002Ch
High-Speed On-Chip Oscillator Control Register 7
FRA7
When Shipping
0030h
0031h
Voltage Detection Register 1 (2)
VCA1
00001000b
0032h
Voltage Detection Register 2 (2)
VCA2
00100000b
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register(3)
VW1C
00001000b
0037h
Voltage Monitor 2 Circuit Control Register(3)
VW2C
00h
0038h
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com