Electronic Components Datasheet Search
  English  ▼

X  

TDA9809M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9809M
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9809M Datasheet HTML 4Page - NXP Semiconductors TDA9809M Datasheet HTML 5Page - NXP Semiconductors TDA9809M Datasheet HTML 6Page - NXP Semiconductors TDA9809M Datasheet HTML 7Page - NXP Semiconductors TDA9809M Datasheet HTML 8Page - NXP Semiconductors TDA9809M Datasheet HTML 9Page - NXP Semiconductors TDA9809M Datasheet HTML 10Page - NXP Semiconductors TDA9809M Datasheet HTML 11Page - NXP Semiconductors TDA9809M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1998 Jan 08
8
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. IP = 102 mA; Tamb =70 °C; Rth(j-a) = 120 K/W.
2. Machine model class B (L = 2.5
µH).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP =5V; Tamb =25 °C; see Table 1 for input frequencies; input level Vi(VIF)(rms) = 10 mV (sync-level for B/G);
Vi(FM)(rms) = 10 mV; IF input from 50 Ω via broadband transformer 1 : 1; video modulation DSB; residual carrier
B/G: 10%; video signal in accordance with
“CCIR, line 17” or “NTC-7 Composite”; test circuit in Fig.15 used for
measurements; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage (pin 19)
maximum chip temperature of
130
°C; note 1
−
5.5
V
Vn
input voltage at pins 1 to 9, 11, 12, 14
and 17 to 20
0VP
V
tsc
short-circuit time
−
10
s
VTAGC
tuner AGC output voltage
0
13.2
V
Tstg
storage temperature
−25
+150
°C
Tamb
ambient operating temperature
−20
+70
°C
Ves
electrostatic handling
note 2
−300
+300
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient
in free air
120
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 19)
VP
supply voltage
note 1
4.5
5
5.5
V
IP
supply current
TV mode
76
89
102
mA
radio mode
29
35
41
mA
power-down mode
5
8
11
mA
Television mode
VISION IF AMPLIFIER (PINS 1 AND 2)
Vi(VIF)(rms)
minimum vision IF
input signal voltage
(RMS value)
fPC = 38.9 or 45.75 MHz;
−1 dB video at output
−
60
100
µV
maximum vision IF
input signal voltage
(RMS value)
fPC = 38.9 or 45.75 MHz;
+1 dB video at output
120
200
−
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com