Electronic Components Datasheet Search
  English  ▼

X  

TDA9809M Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9809M
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809M Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9809M Datasheet HTML 1Page - NXP Semiconductors TDA9809M Datasheet HTML 2Page - NXP Semiconductors TDA9809M Datasheet HTML 3Page - NXP Semiconductors TDA9809M Datasheet HTML 4Page - NXP Semiconductors TDA9809M Datasheet HTML 5Page - NXP Semiconductors TDA9809M Datasheet HTML 6Page - NXP Semiconductors TDA9809M Datasheet HTML 7Page - NXP Semiconductors TDA9809M Datasheet HTML 8Page - NXP Semiconductors TDA9809M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
1998 Jan 08
2
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
FEATURES
• 5 V supply voltage
• Applicable at Intermediate Frequencies (IFs) of 38.9 and
45.75 MHz
• Gain controlled wideband Video IF (VIF) amplifier
(AC-coupled)
• True synchronous demodulation with active carrier
regeneration (very linear demodulation, good
intermodulation figures, reduced harmonics,
excellent pulse response)
• Robustness for over-modulation better than 105% due
to PLL bandwidth control for negative modulation
standards
• VIF AGC (Automatic Gain Control) detector for gain
control, operating as peak sync detector for negative
modulation standards
• Tuner AGC with adjustable TakeOver Point (TOP)
• AFC (Automatic Frequency Control) detector without
extra reference circuit
• AC-coupled limiting amplifier for sound intercarrier
signal
• Alignment-free FM PLL (Phase-Locked Loop)
demodulator with high linearity; integrated de-emphasis
resistor
• Integrated level detector
• Alignment-free FM radio AFC detector with external
resonator
• RIF (Radio IF) amplifier for 10.7 MHz
• Stabilizer circuit for ripple rejection and to achieve
constant output signals
• ESD (Electrostatic Discharge) protection for all pins.
GENERAL DESCRIPTION
The TDA9809M is an integrated circuit for single standard
vision IF signal processing, FM demodulation and FM
radio demodulation in multimedia sets.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9809M
SSOP20
plastic shrink small outline package; 20 leads; body width 5.3 mm
SOT339-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com