Electronic Components Datasheet Search
  English  ▼

X  

TDA9809M Datasheet(PDF) 34 Page - NXP Semiconductors

Part # TDA9809M
Description  Single standard multimedia IF-PLL and FM radio demodulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9809M Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button TDA9809M Datasheet HTML 30Page - NXP Semiconductors TDA9809M Datasheet HTML 31Page - NXP Semiconductors TDA9809M Datasheet HTML 32Page - NXP Semiconductors TDA9809M Datasheet HTML 33Page - NXP Semiconductors TDA9809M Datasheet HTML 34Page - NXP Semiconductors TDA9809M Datasheet HTML 35Page - NXP Semiconductors TDA9809M Datasheet HTML 36Page - NXP Semiconductors TDA9809M Datasheet HTML 37Page - NXP Semiconductors TDA9809M Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
1998 Jan 08
34
Philips Semiconductors
Preliminary specification
Single standard multimedia IF-PLL and FM
radio demodulator
TDA9809M
Table 4
Oscillator circuit for different TV standards
PARAMETER
EUROPE
USA
IF frequency
38.9 MHz
45.75 MHz
VCO frequency
77.8 MHz
91.5 MHz
Oscillator circuit
Toko coil
5KM 369SNS-2010Z
5KMC V369SCS-2370Z
Philips ceramic capacitor
2222 632 51828
inside coil
(1) CVCO = 8.5 pF.
(2) C = 8.2
±0.25 pF.
(3) L = 251 nH.
MHA955
15
16
(3)
(1)
(2)
(1) CVCO = 8.5 pF.
(2) C = 10
±0.25 pF.
(3) L = 163 nH.
MHA955
15
16
(3)
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com