Electronic Components Datasheet Search
  English  ▼

X  

AD7980 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7980
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7980 Datasheet HTML 4Page - Analog Devices AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices AD7980 Datasheet HTML 10Page - Analog Devices AD7980 Datasheet HTML 11Page - Analog Devices AD7980 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 8 of 24
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 3
Common-Mode Input Voltage
−VS − 0.7 V to +VS + 0.7 V
Differential Input Voltage
±1 V
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, θJA is specified
for a device soldered in a circuit board for surface-mount packages.
Table 6 lists the θJA for the ADA4806-1.
Table 6. Thermal Resistance
Package Type
θJA
Unit
8-Lead SOT-23
209.1
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the ADA4806-1 is
limited by the associated rise in junction temperature (TJ) on
the die. At approximately 150°C, which is the glass transition
temperature, the properties of the plastic change. Even temporarily
exceeding this temperature limit may change the stresses that the
package exerts on the die, permanently shifting the parametric
performance of the ADA4806-1. Exceeding a junction temperature
of 175°C for an extended period of time can result in changes in
silicon devices, potentially causing degradation or loss of
functionality.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the die
due to the ADA4806-1 output load drive.
The quiescent power dissipation is the voltage between the supply
pins (VS) multiplied by the quiescent current (IS).
PD = Quiescent Power + (Total Drive Power − Load Power)
(
)
L
OUT
L
OUT
S
S
S
D
R
V
R
V
V
I
V
P
2
2
−


×
+
×
=
RMS output voltages must be considered. If RL is referenced
to −VS, as in single-supply operation, the total drive power is
VS × IOUT. If the rms signal levels are indeterminate, consider the
worst case, when VOUT = VS/4 for RL to midsupply.
(
) (
)
L
S
S
S
D
R
V
I
V
P
2
4
/
+
×
=
In single-supply operation with RL referenced to −VS, the worst
case is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA.
Additionally, more metal directly in contact with the package
leads and exposed pad from metal traces, through holes,
ground, and power planes reduces θJA.
Figure 3 shows the maximum safe power dissipation in the
package vs. the ambient temperature on a JEDEC standard,
4-layer board. θJA values are approximations.
AMBIENT TEMPERATURE (°C)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–50
–30
–10
10
30
50
70
90
110
130
TJ = 150°C
Figure 3. Maximum Power Dissipation vs. Ambient Temperature for a
4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com