Electronic Components Datasheet Search
  English  ▼

X  

AD7980 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7980
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 1 Page - Analog Devices

  AD7980 Datasheet HTML 1Page - Analog Devices AD7980 Datasheet HTML 2Page - Analog Devices AD7980 Datasheet HTML 3Page - Analog Devices AD7980 Datasheet HTML 4Page - Analog Devices AD7980 Datasheet HTML 5Page - Analog Devices AD7980 Datasheet HTML 6Page - Analog Devices AD7980 Datasheet HTML 7Page - Analog Devices AD7980 Datasheet HTML 8Page - Analog Devices AD7980 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
0.2 µV/°C Offset Drift, 105 MHz, Low Power,
Multimode, Rail-to-Rail Amplifier
Data Sheet
ADA4806-1
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015-2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow supply current
Full power mode: 500 µA
Sleep mode: 74 µA
Shutdown mode: 2.9 µA
Dynamic power scaling
Turn-on time from shutdown mode: 1.5 µs
Turn-on time from sleep mode: 0.45 µs
High speed performance with dc precision
Input offset voltage: 125 µV maximum
Input offset voltage drift: 1.5 µV/°C maximum
−3 dB bandwidth: 105 MHz
Slew rate: 160 V/ µs
Low noise and distortion
5.9 nV/√Hz input voltage noise with 8 Hz 1/f corner
−102 dBc/−126 dBc HD2/HD3 at 100 kHz
Wide supply range: 2.7 V to 10 V
Small package: 8-lead SOT-23
APPLICATIONS
Portable and battery-powered instruments and systems
High channel density data acquisition systems
Precision analog-to-digital converter (ADC) drivers
Voltage reference buffers
Portable point of sales terminals
Active RFID readers
GENERAL DESCRIPTION
The ADA4806-1 is a high speed, voltage feedback, rail-to-rail
output, single operational amplifier with three power modes:
full power mode, sleep mode, and shutdown mode. In full
power mode, this amplifier provides a wide bandwidth of 105 MHz
at a gain of +1, a fast slew rate 160 V/μs, and excellent dc precision
with a low input offset voltage of 125 μV (maximum) and an input
offset voltage drift of 1.5 μV/°C (maximum), while consuming
only 500 μA of quiescent current. Despite being a low power
amplifier, the ADA4806-1 provides excellent overall
performance, making it ideal for low power, high resolution
data conversion systems.
For data conversion applications where minimizing power
dissipation is paramount, the ADA4806-1 offers a method to
reduce power by dynamically scaling the quiescent power of the
ADC driver with the sampling rate of the system by switching the
amplifier to a lower power mode between samples.
TYPICAL APPLICATIONS CIRCUIT
5V
2.5V REF
C2
10µF
C1
2.7nF
IN+
REF
GND
VDD
VDD
IN–
C3
0.1µF
C4
100nF
ADA4806-1
5V
0V TO VREF
ADA4806-1
AD7980
R3
20Ω
Figure 1. Driving the AD7980 with the ADA4806-1
Sleep mode reduces the amplifier quiescent current to 74 µA
and provides a fast turn-on time of only 0.45 µs, enabling the
use of dynamic power scaling for sample rates approaching
2 MSPS. For additional power savings at lower samples rates,
the shutdown mode further reduces the quiescent current to
only 2.9 µA.
The ADA4806-1 operates over a wide range of supply voltages
and is fully specified at supplies of 3 V, 5 V and ±5 V. This
amplifier is available in a compact, 8-lead SOT-23 package and
is rated to operate over the industrial temperature range of
−40°C to +125°C.
ADC SAMPLE RATE (ksps)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1
10
100
1000
SLEEP MODE
SHUTDOWN MODE
Figure 2. Quiescent Power Dissipation vs. ADC Sample Rate,
Using Dynamic Power Scaling for the Two Low Power Modes
Table 1. Complementary ADCs to the ADA4806-1
Product
ADC Power (mW)
Throughput
(MSPS)
Resolution
(Bits)
SNR
(dB)
AD7980
4.0
1
16
90.51
AD7982
7.0
1
18
98
AD7984
10.5
1.33
18
98.5
1
This SNR value is for the A Grade version of the AD7980.


Similar Part No. - AD7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7980 AD-AD7980 Datasheet
1Mb / 22P
16-bit, 1 MSPS PulSAR ADC in MSOP/QFN
AD7980 AD-AD7980 Datasheet
469Kb / 24P
16-Bit Lower Power
REV. B
AD7980 AD-AD7980 Datasheet
814Kb / 24P
18-Bit, 5 MSPS PulSAR Differential ADC
REV. 0
AD7980 AD-AD7980 Datasheet
292Kb / 12P
16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
REV. 0
AD7980 AD-AD7980 Datasheet
421Kb / 16P
16-Bit, 100 kSPS PulSAR, Differential ADC in MSOP
REV. A
More results

Similar Description - AD7980

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4806-1 AD-ADA4806-1 Datasheet
661Kb / 24P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
REV. 0
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4806-1 AD-ADA4806-1_16 Datasheet
711Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
Rev. 0
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
logo
Analog Devices
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
logo
STMicroelectronics
TSV771 STMICROELECTRONICS-TSV771 Datasheet
3Mb / 32P
High bandwidth (20 MHz) low offset (200 μV) rail-to-rail 5 V Op Amp
TSV782 STMICROELECTRONICS-TSV782 Datasheet
8Mb / 32P
High bandwidth (30 MHz) low offset (200 μV) rail-to-rail 5 V op amp
19-Dec-2022
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com