Electronic Components Datasheet Search
  English  ▼

X  

AD7980 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7980
Description  0.2 μV/°C Offset Drift, 105 MHz, Low Power, Multimode, Rail-to-Rail Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7980 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7980 Datasheet HTML 14Page - Analog Devices AD7980 Datasheet HTML 15Page - Analog Devices AD7980 Datasheet HTML 16Page - Analog Devices AD7980 Datasheet HTML 17Page - Analog Devices AD7980 Datasheet HTML 18Page - Analog Devices AD7980 Datasheet HTML 19Page - Analog Devices AD7980 Datasheet HTML 20Page - Analog Devices AD7980 Datasheet HTML 21Page - Analog Devices AD7980 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADA4806-1
Data Sheet
Rev. A | Page 18 of 24
THEORY OF OPERATION
AMPLIFIER DESCRIPTION
The ADA4806-1 has a bandwidth of 105 MHz and a slew rate of
160 V/µs. It has an input referred voltage noise of only 5.9 nV/√Hz.
The ADA4806-1 operates over a supply voltage range of 2.7 V to
10 V and consumes only 500 µA of supply current at VS = 5 V. The
low end of the supply range allows −10% variation of a 3 V supply.
The amplifier is unity-gain stable, and the input structure results in
an extremely low input 1/f noise. The ADA4806-1 uses a slew
enhancement architecture, as shown in Figure 52. The slew
enhancement circuit detects the absolute difference between the
two inputs. It then modulates the tail current, ITAIL, of the input
stage to boost the slew rate. The architecture allows a higher
slew rate and fast settling time with low quiescent current while
maintaining low noise.
+IN
VIN+
VIN–
+VS
INPUT
STAGE
TO DETECT
ABSOLUTE
VALUE
SLEW ENHANCEMENT CIRCUIT
ITAIL
–IN
Figure 52. Slew Enhancement Circuit
INPUT PROTECTION
The ADA4806-1 is fully protected from ESD events,
withstanding human body model ESD events of ±3.5 kV and
charged device model events of ±1.25 kV with no measured
performance degradation. The precision input is protected with
an ESD network between the power supplies and diode clamps
across the input device pair, as shown in Figure 53.
+IN
ESD
ESD
–VS
+VS
BIAS
TO THE REST OF THE AMPLIFIER
–IN
ESD
ESD
Figure 53. Input Stage and Protection Diodes
For differential voltages above approximately 1.2 V at room
temperature, and 0.8 V at 125°C, the diode clamps begin to
conduct. If large differential voltages must be sustained across
the input terminals, the current through the input clamps must
be limited to less than 10 mA. Series input resistors that are sized
appropriately for the expected differential overvoltage provide
the needed protection.
The ESD clamps begin to conduct for input voltages that are
more than 0.7 V above the positive supply and input voltages
more than 0.7 V below the negative supply. If an overvoltage
condition is expected, the input current must be limited to less
than 10 mA.
SHUTDOWN/SLEEP MODE OPERATION
Figure 54 shows the ADA4806-1 shutdown circuitry. To
maintain very low supply current in shutdown mode, no internal
pull-up resistor is supplied; therefore, the SHUTDOWN pin must
be driven high or low externally and must not be left floating.
Pulling the SHUTDOWN pin to ≥1 V below midsupply turns the
device off, reducing the supply current to 2.9 µA for a 5 V supply.
When the amplifier is powered down, its output enters a high
impedance state. The output impedance decreases as frequency
increases. In shutdown mode, a forward isolation of −62 dB can
be achieved at 100 kHz (see Figure 21).
A second circuit similar to Figure 54 is used for sleep mode
operation. Pulling the SLEEP pin low places the amplifier in a low
power state, drawing only 74 µA from a 5 V supply. Leaving the
amplifier biased on at a very low level greatly reduces the turn-
on time from sleep to full power mode, thus enabling dynamic
power scaling of the ADA4806-1 at higher sample rates.
The ADA4806-1 is not characterized for operation in sleep mode.
+VS
–VS
SHUTDOWN
ESD
ESD
2.2R
1.8R
1.1V
TO ENABLE
AMPLIFIER
Figure 54. Shutdown/Sleep Equivalent Circuit
The SHUTDOWN pin and the SLEEP pin are protected by ESD
clamps, as shown in Figure 54. Voltages beyond the power supplies
cause these diodes to conduct. To protect the SHUTDOWN and
SLEEP pins, ensure that the voltage to these pins does not
exceed 0.7 V above the positive supply or 0.7 V below the
negative supply. If an overvoltage condition is expected, the
input current must be limited to less than 10 mA with a series
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com