Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8630
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADA4528-1/ADA4528-2
Data Sheet
Rev. F | Page 8 of 24
OUT A
1
–IN A
2
+IN A
3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
ADA4528-2
TOP VIEW
(Not to Scale)
Figure 6. ADA4528-2 Pin Configuration, 8-Lead MSOP
ADA4528-2
TOP VIEW
(Not to Scale)
3
+IN A
4
V–
1
OUT A
2
–IN A
6–IN B
5+IN B
8V+
7OUT B
NOTES
1. CONNECT THE EXPOSED PAD TO
V– OR LEAVE IT UNCONNECTED.
Figure 7. ADA4528-2 Pin Configuration, 8-Lead LFCSP
Table 7. ADA4528-2 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A.
2
−IN A
Inverting Input, Channel A.
3
+IN A
Noninverting Input, Channel A.
4
V−
Negative Supply Voltage.
5
+IN B
Noninverting Input, Channel B.
6
−IN B
Inverting Input, Channel B.
7
OUT B
Output, Channel B.
8
V+
Positive Supply Voltage.
EPAD
Connect the exposed pad to V- or leave it unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com