Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8630
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices AD8630 Datasheet HTML 15Page - Analog Devices AD8630 Datasheet HTML 16Page - Analog Devices AD8630 Datasheet HTML 17Page - Analog Devices AD8630 Datasheet HTML 18Page - Analog Devices AD8630 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 15 of 24
TIME (10µs/DIV)
0.5
0
–0.5
–1
0
1
2
VSY = ±1.25V
AV = –10
VIN = 187.5mV
RL = 10kΩ
CL = 100pF
INPUT
OUTPUT
Figure 44. Positive Overload Recovery
TIME (10µs/DIV)
0.5
0
–0.5
–2
–1
0
1
VSY = ±1.25V
AV = –10
VIN = 187.5mV
RL = 10kΩ
CL = 100pF
INPUT
OUTPUT
Figure 45. Negative Overload Recovery
TIME (10µs/DIV)
VSY = 2.5V
RL = 10kΩ
CL = 100pF
DUT AV = –1
INPUT
+7.5mV
0
–7.5mV
OUTPUT
ERROR BAND
POST GAIN = 5
Figure 46. Positive Settling Time to 0.1%
TIME (10µs/DIV)
0.5
0
–0.5
–1
0
1
2
3
VSY = ±2.5V
AV = –10
VIN = 375mV
RL = 10kΩ
CL = 100pF
INPUT
OUTPUT
Figure 47. Positive Overload Recovery
TIME (10µs/DIV)
0.5
0
–0.5
–3
–2
–1
0
1
VSY = ±2.5V
AV = –10
VIN = 375mV
RL = 10kΩ
CL = 100pF
INPUT
OUTPUT
Figure 48. Negative Overload Recovery
TIME (10µs/DIV)
VSY = 5V
RL = 10kΩ
CL = 100pF
DUT AV = –1
INPUT
+20mV
0
–20mV
OUTPUT
ERROR BAND
POST GAIN = 5
Figure 49. Positive Settling Time to 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com