Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8630
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 3 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADA4528-1/ADA4528-2
Rev. F | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS—2.5 V OPERATION
VSY = 2.5 V, VCM = VSY/2, TA = 25°C, unless otherwise specified.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = 0 V to 2.5 V
0.3
2.5
μV
−40°C ≤ TA ≤ +125°C, MSOP package
4
μV
−40°C ≤ TA ≤ +125°C, LFCSP package
4.3
μV
Offset Voltage Drift
ΔVOS/ΔT
−40°C ≤ TA ≤ +125°C, MSOP package
0.002
0.015
μV/°C
−40°C ≤ TA ≤ +125°C, LFCSP package
0.018
μV/°C
Input Bias Current
IB
220
400
pA
−40°C ≤ TA ≤ +125°C
600
pA
Input Offset Current
IOS
440
800
pA
−40°C ≤ TA ≤ +125°C
1
nA
Input Voltage Range
0
2.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 2.5 V
135
158
dB
−40°C ≤ TA ≤ +125°C
116
dB
Open-Loop Gain
AVO
RL = 10 kΩ, VO = 0.1 V to 2.4 V
130
140
dB
−40°C ≤ TA ≤ +125°C
126
dB
ADA4528-1
RL = 2 kΩ, VO = 0.1 V to 2.4 V
125
132
dB
−40°C ≤ TA ≤ +125°C
121
dB
ADA4528-2
RL = 2 kΩ, VO = 0.1 V to 2.4 V
122
132
dB
−40°C ≤ TA ≤ +125°C
119
dB
Input Resistance
Differential Mode
RINDM
225
kΩ
Common Mode
RINCM
1
GΩ
Input Capacitance
Differential Mode
CINDM
15
pF
Common Mode
CINCM
30
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 10 kΩ to VCM
2.49
2.495
V
−40°C ≤ TA ≤ +125°C
2.485
V
RL = 2 kΩ to VCM
2.46
2.48
V
−40°C ≤ TA ≤ +125°C
2.44
V
Output Voltage Low
VOL
RL = 10 kΩ to VCM
5
10
mV
−40°C ≤ TA ≤ +125°C
15
mV
RL = 2 kΩ to VCM
20
40
mV
−40°C ≤ TA ≤ +125°C
60
mV
Short-Circuit Current
ISC
±30
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = +10
0.1
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = 2.2 V to 5.5 V
130
150
dB
−40°C ≤ TA ≤ +125°C
127
dB
Supply Current per Amplifier
ISY
IO = 0 mA
1.4
1.7
mA
−40°C ≤ TA ≤ +125°C
2.1
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 10 kΩ, CL = 100 pF, AV = +1
0.45
V/μs
Settling Time to 0.1%
tS
VIN = 1.5 V step, RL = 10 kΩ, CL = 100 pF, AV = −1
7
µs
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
4
MHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +1
57
Degrees
Gain Bandwidth Product
GBP
VIN = 10 mV p-p, RL = 10 kΩ, CL = 100 pF, AV = +100
3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com