Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 33 Page - Analog Devices

Part # AD8630
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD8630 Datasheet HTML 25Page - Analog Devices AD8630 Datasheet HTML 26Page - Analog Devices AD8630 Datasheet HTML 27Page - Analog Devices AD8630 Datasheet HTML 28Page - Analog Devices AD8630 Datasheet HTML 29Page - Analog Devices AD8630 Datasheet HTML 30Page - Analog Devices AD8630 Datasheet HTML 31Page - Analog Devices AD8630 Datasheet HTML 32Page - Analog Devices AD8630 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
OUTLINE DIMENSIONS
©2015-2022 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. G | 33 of 33
Figure 93. 14-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-14)
Dimensions shown in millimeters
Updated: December 21, 2021
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package
Option
Marking Code
ADA4522-1ARMZ
-40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
A3G
ADA4522-1ARMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
A3G
ADA4522-1ARMZ-RL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A3G
ADA4522-1ARZ
-40°C to +125°C
8-Lead SOIC
Tube, 98
R-8
ADA4522-1ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4522-1ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4522-2ARMZ
-40°C to +125°C
8-Lead MSOP
Tube, 50
RM-8
A39
ADA4522-2ARMZ-R7
-40°C to +125°C
8-Lead MSOP
Reel, 1000
RM-8
A39
ADA4522-2ARMZ-RL
-40°C to +125°C
8-Lead MSOP
Reel, 3000
RM-8
A39
ADA4522-2ARZ
-40°C to +125°C
8-Lead SOIC
Tube, 98
R-8
ADA4522-2ARZ-R7
-40°C to +125°C
8-Lead SOIC
Reel, 1000
R-8
ADA4522-2ARZ-RL
-40°C to +125°C
8-Lead SOIC
Reel, 2500
R-8
ADA4522-4ARUZ
-40°C to +125°C
14-Lead TSSOP
Tube, 96
RU-14
ADA4522-4ARUZ-R7
-40°C to +125°C
14-Lead TSSOP
Reel, 1000
RU-14
ADA4522-4ARUZ-RL
-40°C to +125°C
14-Lead TSSOP
Reel, 2500
RU-14
ADA4522-4ARZ
-40°C to +125°C
14-Lead SOIC
Tube, 56
R-14
ADA4522-4ARZ-R7
-40°C to +125°C
14-Lead SOIC
Reel, 1000
R-14
ADA4522-4ARZ-RL
-40°C to +125°C
14-Lead SOIC
Reel, 2500
R-14
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com