Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8630
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices AD8630 Datasheet HTML 10Page - Analog Devices AD8630 Datasheet HTML 11Page - Analog Devices AD8630 Datasheet HTML 12Page - Analog Devices AD8630 Datasheet HTML 13Page - Analog Devices AD8630 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. G | 10 of 33
Table 9. ADA4522-4 Pin Function Descriptions
Pin No.
Mnemonic
Description
9
−IN C
Inverting Input, Channel C
10
+IN C
Noninverting Input, Channel C
11
V−
Negative Supply Voltage
12
+IN D
Noninverting Input, Channel D
13
−IN D
Inverting Input, Channel D
14
OUT D
Output, Channel D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com