Electronic Components Datasheet Search
  English  ▼

X  

AD8630 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8630
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8630 Datasheet(HTML) 4 Page - Analog Devices

  AD8630 Datasheet HTML 1Page - Analog Devices AD8630 Datasheet HTML 2Page - Analog Devices AD8630 Datasheet HTML 3Page - Analog Devices AD8630 Datasheet HTML 4Page - Analog Devices AD8630 Datasheet HTML 5Page - Analog Devices AD8630 Datasheet HTML 6Page - Analog Devices AD8630 Datasheet HTML 7Page - Analog Devices AD8630 Datasheet HTML 8Page - Analog Devices AD8630 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Data Sheet
ADA4522-1/ADA4522-2/ADA4522-4
SPECIFICATIONS
analog.com
Rev. G | 4 of 33
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Unity-Gain Crossover
UGC
VIN = 10 mV p-p, RL = 10 kΩ, CL = 50 pF, AV = 1
3
MHz
−3 dB Closed-Loop Bandwidth
f−3 dB
VIN = 10 mV p-p, RL = 10 kΩ, CL = 50 pF, AV = 1
6.5
MHz
Phase Margin
ΦM
VIN = 10 mV p-p, RL = 10 kΩ, CL = 50 pF, AV = 1
64
Degrees
Settling Time to 0.1%
tS
VIN = 1 V step, RL = 10 kΩ, CL = 50 pF, AV = 1
4
µs
Channel Separation
CS
VIN = 1 V p-p, f = 10 kHz, RL = 10 kΩ, CL = 50 pF
98
dB
EMI Rejection Ratio of +IN/+IN x
EMIRR
VIN = 100 mV peak, f = 400 MHz
72
dB
VIN = 100 mV peak, f = 900 MHz
80
dB
VIN = 100 mV peak, f = 1800 MHz
83
dB
VIN = 100 m peak, f = 2400 MHz
85
dB
NOISE PERFORMANCE
Total Harmonic Distortion Plus Noise
THD + N
AV = 1, f = 1 kHz, VIN = 0.6 V rms
Bandwidth (BW) = 80 kHz
0.001
%
BW = 500 kHz
0.02
%
Peak-to-Peak Voltage Noise
eN p-p
AV = 100, f = 0.1 Hz to 10 Hz
117
nV p-p
Voltage Noise Density
eN
AV = 100, f = 1 kHz
5.8
nV/√Hz
Peak-to-Peak Current Noise
iN p-p
AV = 100, f = 0.1 Hz to 10 Hz
16
pA p-p
Current Noise Density
iN
AV = 100, f = 1 kHz
0.8
pA/√Hz
ELECTRICAL CHARACTERISTICS—30 V OPERATION
VSY = 30 V, VCM = VSY/2 V, TA = 25°C, unless otherwise specified.
Table 3.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
VCM = VSY/2
1
5
µV
−40°C ≤ TA ≤ +125°C
7.2
µV
Offset Voltage Drift
TCVOS
ADA4522-1, ADA4522-2
4
22
nV/°C
ADA4522-4
5.3
25
nV/°C
Input Bias Current
IB
50
150
pA
−40°C ≤ TA ≤ +85°C
500
pA
−40°C ≤ TA ≤ +125°C
3
nA
Input Offset Current
IOS
80
300
pA
−40°C ≤ TA ≤ +85°C
400
pA
−40°C ≤ TA ≤ +125°C
500
pA
Input Voltage Range
IVR
0
28.5
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 28.5 V
145
160
dB
−40°C ≤ TA ≤ +125°C
140
dB
Large Signal Voltage Gain
AV
RL = 10 kΩ, VOUT = 0.5 V to 29.5 V
140
150
dB
−40°C ≤ TA ≤ +125°C
135
dB
Input Resistance
Differential Mode
RINDM
30
kΩ
Common Mode
RINCM
400
GΩ
Input Capacitance
Differential Mode
CINDM
7
pF
Common Mode
CINCM
35
pF
OUTPUT CHARACTERISTICS
Output Voltage
High
VOH
RL = 10 kΩ to VSY/2
29.87
29.89
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com