Electronic Components Datasheet Search
  English  ▼

X  

TDA9816M Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9816M
Description  Multistandard multimedia IF-PLL and FM radio demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9816M Datasheet HTML 4Page - NXP Semiconductors TDA9816M Datasheet HTML 5Page - NXP Semiconductors TDA9816M Datasheet HTML 6Page - NXP Semiconductors TDA9816M Datasheet HTML 7Page - NXP Semiconductors TDA9816M Datasheet HTML 8Page - NXP Semiconductors TDA9816M Datasheet HTML 9Page - NXP Semiconductors TDA9816M Datasheet HTML 10Page - NXP Semiconductors TDA9816M Datasheet HTML 11Page - NXP Semiconductors TDA9816M Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
1997 Nov 19
8
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
The radio Automatic Frequency Control (AFC) stage is
comprised of a 10.7 MHz phase shifting network, a phase
detector (quadrature demodulator), a differential amplifier
input stage (which receives the limiting amplifier output
signal), and a current mode output stage.
A ceramic resonator is used for phase shifting. This
permits alignment-free operation.
AF signal processing
The AF signal processing stage consists of a pre-amplifier
for the FM-PLL demodulator output signal, an AF source
selector, a soft and forced mute stage with an integrated
time constant, and an AF post-amplifier.
The FM demodulator output signal is pre-amplified by an
operational amplifier (30 dB gain) with internal feedback,
high gain and high common mode rejection. The feedback
circuit, together with external capacitor CDEC connected to
pin 13, keeps the DC level at the pre-amplifier output
constant (2.3 V). An external resistor connected in series
with CDEC provides a gain-reduction capability.
The low-pass filter characteristic (130 kHz bandwidth) of
the amplifier reduces the harmonics of the IF signal at the
sound signal output.
The source selector operational amplifier selects and
amplifies the appropriate AF source signal by means of the
control logic: AM from the AM demodulator in TV L/L
accent mode, FM from the FM demodulator via
de-emphasis (internal resistor, external capacitor Cde-em at
pin 12) in TV B/G mode or FM direct from the FM
demodulator in radio mode.
Soft mute occurs when the internal level detector output
voltage is lower than the mute threshold voltage at pin 11
(provided an external resistor is not connected between
the limiter input, pin 15, and the supply voltage). The mute
stage reduces the AF signal by 25 dB, with an internal time
constant of approximately 7 ms.
If forced mute is active (see Table 2), or a resistor is
connected between pin 15 and ground, the mute stage will
reduce the AF signal level by more than 70 dB, with the
same time constant.
Otherwise, the AF signal level will not be reduced.
The AF post-amplifier, which was designed to include a
rail-to-rail output stage, provides the required AF output
level at pin 10.
Internal voltage stabilizer
The band gap circuit generates a voltage of approximately
1.25 V internally, independent of supply voltage and
temperature. A voltage regulator circuit connected to this
voltage generates a constant 3.6 V which is used as an
internal reference voltage.
Logic
The logic circuit detects the logic levels and threshold
voltages at ports LP0, LP1 and LP2 and controls the
internal functions as described in Table 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com