Electronic Components Datasheet Search
  English  ▼

X  

TDA9816M Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA9816M
Description  Multistandard multimedia IF-PLL and FM radio demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9816M Datasheet HTML 1Page - NXP Semiconductors TDA9816M Datasheet HTML 2Page - NXP Semiconductors TDA9816M Datasheet HTML 3Page - NXP Semiconductors TDA9816M Datasheet HTML 4Page - NXP Semiconductors TDA9816M Datasheet HTML 5Page - NXP Semiconductors TDA9816M Datasheet HTML 6Page - NXP Semiconductors TDA9816M Datasheet HTML 7Page - NXP Semiconductors TDA9816M Datasheet HTML 8Page - NXP Semiconductors TDA9816M Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1997 Nov 19
3
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
QUICK REFERENCE DATA
Note
1.
d3 is the ratio of the intermodulation product at 10.3 MHz to the level of Vi(4)(max)(rms).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 25)
VP
supply voltage
4.5
5
5.5
V
IP
supply current
TV mode (B/G standard)
76
89
102
mA
radio mode
29
35
41
mA
power-down mode
5
8
11
mA
Television mode
Vi(VIF)(rms)
minimum vision IF input signal
voltage (RMS value)
−1 dB video at output
−
60
100
µV
Vo(video)(p-p)
video output signal voltage
(peak-to-peak value)
0.97
1.1
1.23
V
B−3dB
−3 dB video bandwidth on pin 18
CL < 30 pF; RL > 1.5 kΩ;
AC load
78
−
MHz
S/NW(video)
weighted signal-to-noise ratio for
video
54
58
−
dB
α
IM(1.1)
intermodulation attenuation at ‘blue’
f = 1.1 MHz
52
58
−
dB
αIM(3.3)
intermodulation attenuation at ‘blue’
f = 3.3 MHz
52
58
−
dB
α
H(sup)
suppression of harmonics in video
signal
35
40
−
dB
Vi(SIF)(rms)
minimum sound IF input signal
voltage (RMS value)
−3 dB at intercarrier output
−
30
70
µV
Vo(audio)(rms) audio output signal voltage for FM
(RMS value)
B/G standard;
27 kHz modulation
0.4
0.5
0.6
V
THDvideo
total harmonic distortion for video
27 kHz modulation
−
0.5
1.0
%
S/NW(audio)
weighted signal-to-noise ratio for
audio
27 kHz modulation; t = 50
µs50
55
−
dB
Radio mode
Vi(RIF)(rms)
minimum radio IF input signal
voltage (RMS value)
d3 < 60 dB intermodulation;
note 1
−−
20
mV
Vi(FM)(rms)
minimum FM limiter input signal
voltage (RMS value)
−
100
−µV
∆VLD/log∆Vi output voltage slope according to
FM limiter input voltage
−
50
−
mV/dB
µV
Vo(audio)(rms) audio output signal voltage for radio
(peak-to-peak value)
22.5 kHz modulation
200
250
300
mV
THDaudio
total harmonic distortion for audio
22.5 kHz modulation
−
0.5
1.0
%
S/NW(audio)
weighted signal-to-noise ratio for
audio
22.5 kHz modulation;
15 kHz bandwidth
59
64
−
dB
SN
+
N
-------------- unweighted
26 dB
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com