Electronic Components Datasheet Search
  English  ▼

X  

TDA9816M Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9816M
Description  Multistandard multimedia IF-PLL and FM radio demodulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9816M Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9816M Datasheet HTML 18Page - NXP Semiconductors TDA9816M Datasheet HTML 19Page - NXP Semiconductors TDA9816M Datasheet HTML 20Page - NXP Semiconductors TDA9816M Datasheet HTML 21Page - NXP Semiconductors TDA9816M Datasheet HTML 22Page - NXP Semiconductors TDA9816M Datasheet HTML 23Page - NXP Semiconductors TDA9816M Datasheet HTML 24Page - NXP Semiconductors TDA9816M Datasheet HTML 25Page - NXP Semiconductors TDA9816M Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
1997 Nov 19
22
Philips Semiconductors
Preliminary specification
Multistandard multimedia IF-PLL and FM
radio demodulator
TDA9816M
20. Measurements taken with SAW filter K3953 for vision and sound IF (suppressed sound carrier) and K9453 for
sound IF (suppressed picture carrier). Input level Vi(SIF)(rms) = 10 mV, 27 kHz (54% FM deviation).
21. The PC/SC1 ratio at pins 1 and 2 is calculated as the addition of TV transmitter PC/SC1 ratio and SAW filter PC/SC1
ratio. This PC/SC1 ratio is necessary to achieve the S/NW values as noted. A different PC/SC1 ratio will change
these values.
22. Measurements taken with SAW filter G1962 (sound shelf: 20 dB) for vision and sound IF. Pin 27 and/or pin 28 has
to be connected to ground for switching the single reference QSS mixer to intercarrier mode.
23. Measurements taken with SAW filter K9453 (Siemens) for AM sound IF (suppressed picture carrier).
24. The RIF amplifier output (pin 14) has to be connected to a multistandard application ceramic filter for
5.5, 6.0 and 10.7 MHz. This total load constitutes an impedance of 250
Ω.
25. d3 tested by using two signals with frequencies of f1 = 10.5 MHz and f2 = 10.7 MHz with a level Vi4(max)(rms) for each
signal. d3 is the ratio between intermodulation product at 10.3 MHz and output level of Vi4(max)(rms).
26. The control steepness of the radio AFC detector is dependent on the characteristic of the ceramic resonator, pin 24.
The figure given here will be obtained when applying a typical resonator of the type CDA 10.7 MC1-A (Murata).
The spreading of the control steepness depends on the spreading of the ceramic resonator characteristic
(see Fig.13).
Table 1
Input frequencies and carrier ratios
Table 2
Switch logic
DESCRIPTION
SYMBOL
B/G STANDARD
L STANDARD
L ACCENT
STANDARD
FM
RADIO
UNIT
Picture/IF carrier
fPC or fIF
38.9
38.9
33.9
10.7
MHz
Sound carrier
fSC1
33.4
32.4
40.4
−
MHz
fSC2
33.158
−−
−
MHz
Picture-to-sound carrier
PC/SC1
13
10
10
−
dB
PC/SC2
20
−−
−
dB
FUNCTION
LP2
LP1
LP0
REMARKS
Power-down
0
1
0
TV mode
B/G standard
negative
modulation
011
L accent standard
positive
modulation
000
L standard
0
0
1
Radio mode
AFC
soft mute active
1
1
0
RIF level dependent
(25 dB)
RIF level
1
1
1
AFC
forced mute active
1
0
0
forced mute (70 dB)
RIF level
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com