Electronic Components Datasheet Search
  English  ▼

X  

AD8000 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8000
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 5 Page - Analog Devices

  AD8000 Datasheet HTML 1Page - Analog Devices AD8000 Datasheet HTML 2Page - Analog Devices AD8000 Datasheet HTML 3Page - Analog Devices AD8000 Datasheet HTML 4Page - Analog Devices AD8000 Datasheet HTML 5Page - Analog Devices AD8000 Datasheet HTML 6Page - Analog Devices AD8000 Datasheet HTML 7Page - Analog Devices AD8000 Datasheet HTML 8Page - Analog Devices AD8000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
AD8000
Rev. C | Page 5 of 17
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
12.6 V
Power Dissipation
See Figure 4
Common-Mode Input Voltage Range
−VS − 0.7 V to +VS + 0.7 V
Differential Input Voltage
V
S
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Operation beyond the maximum
operating conditions for extended periods may affect product
reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is speci-
fied for device soldered in the circuit board for surface-mount
packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC
80
30
°C/W
3 mm × 3 mm LFCSP
93
35
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation for the AD8000 is limited
by the associated rise in junction temperature (TJ) on the die. At
approximately 150C, which is the glass transition temperature,
the properties of the plastic change. Even temporarily exceeding
this temperature limit can change the stresses that the package
exerts on the die, permanently shifting the parametric performance
of the AD8000. Exceeding a junction temperature of 175C for
an extended period of time can result in changes in silicon de-
vices, potentially causing degradation or loss of functionality.
The power dissipated in the package (PD) is the sum of the qui-
escent power dissipation and the power dissipated in the die
due to the AD8000 drive at the output. The quiescent power is
the voltage between the supply pins (VS) times the quiescent
current (IS).
PD = Quiescent Power + (Total Drive Power − Load Power)

L
2
OUT
L
OUT
S
S
S
D
R
V
–
R
V
2
V
I
V
P


Consider the RMS output voltages. If RL is referenced to −VS, as
in single-supply operation, the total drive power is VS × IOUT. If
the rms signal levels are indeterminate, consider the worst case,
when VOUT = VS/4 for RL to midsupply.
 
L
S
S
S
D
R
/
V
I
V
P
2
4
In single-supply operation with RL referenced to −VS, worst case
is VOUT = VS/2.
Airflow increases heat dissipation, effectively reducing θJA. Also,
more metal directly in contact with the package leads and exposed
paddle from metal traces, through holes, ground, and power
planes reduces θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the exposed paddle
SOIC (80°C/W) and the LFCSP (93°C/W) package on a JEDEC
standard 4-layer board. θJA values are approximations.
0
0.5
1.0
1.5
2.0
2.5
3.0
–30 –20 –10
0
10
20
40
80
30
50
60
70
100
90
120
110
AMBIENT TEMPERATURE (
C)
SOIC
LFCSP
–40
Figure 4. Maximum Power Dissipation vs. Temperature for a 4-Layer Board
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com