Electronic Components Datasheet Search
  English  ▼

X  

AD8000 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8000
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 2 Page - Analog Devices

  AD8000 Datasheet HTML 1Page - Analog Devices AD8000 Datasheet HTML 2Page - Analog Devices AD8000 Datasheet HTML 3Page - Analog Devices AD8000 Datasheet HTML 4Page - Analog Devices AD8000 Datasheet HTML 5Page - Analog Devices AD8000 Datasheet HTML 6Page - Analog Devices AD8000 Datasheet HTML 7Page - Analog Devices AD8000 Datasheet HTML 8Page - Analog Devices AD8000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AD8000
Data Sheet
Rev. C | Page 2 of 17
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Connection Diagrams...................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications with ±5 V Supply ..................................................... 3
 
Specifications with +5 V Supply ..................................................... 4
 
Absolute Maximum Ratings............................................................ 5
 
Thermal Resistance ...................................................................... 5
 
Maximum Power Dissipation ..................................................... 5
 
ESD Caution.................................................................................. 5
 
Typical Performance Characteristics ............................................. 6
 
Test Circuits..................................................................................... 13
 
Applications Information .............................................................. 14
 
Circuit Configurations .............................................................. 14
 
Video Line Driver....................................................................... 14
 
Low Distortion Pinout............................................................... 15
 
Exposed Paddle........................................................................... 15
 
Printed Circuit Board Layout ................................................... 15
 
Signal Routing............................................................................. 15
 
Power Supply Bypassing ............................................................ 15
 
Grounding ................................................................................... 16
 
Outline Dimensions ....................................................................... 17
 
Ordering Guide .......................................................................... 17
 
REVISION HISTORY
5/16—Rev. B to Rev. C
Changed CP-8-2 to CP-8-13 ........................................ Throughout
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 17
3/13—Rev. A to Rev. B
Changes to Figure 1 and Figure 2................................................... 1
Change to Table 1 ............................................................................. 3
Changes to Table2............................................................................. 4
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 17
3/10—Rev. 0 to Rev. A
Changes to Figure 1 and Figure 2................................................... 1
Changes to Table 3............................................................................ 5
Updated Outline Dimensions ....................................................... 17
Changes to Ordering Guide .......................................................... 17
1/05—Rev. 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com