Electronic Components Datasheet Search
  English  ▼

X  

AD8000 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8000
Description  1.5 GHz, Ultrahigh Speed Op Amp
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8000 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8000 Datasheet HTML 9Page - Analog Devices AD8000 Datasheet HTML 10Page - Analog Devices AD8000 Datasheet HTML 11Page - Analog Devices AD8000 Datasheet HTML 12Page - Analog Devices AD8000 Datasheet HTML 13Page - Analog Devices AD8000 Datasheet HTML 14Page - Analog Devices AD8000 Datasheet HTML 15Page - Analog Devices AD8000 Datasheet HTML 16Page - Analog Devices AD8000 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
AD8000
Rev. C | Page 15 of 17
LOW DISTORTION PINOUT
The AD8000 LFCSP features Analog Devices low distortion
pinout. The new pinout lowers the second harmonic distortion
and simplifies the circuit layout. The close proximity of the
non-inverting input and the negative supply pin creates a source
of second harmonic distortion. Physical separation of the non-
inverting input pin and the negative power supply pin reduces
this distortion significantly, as seen in Figure 22.
By providing an additional output pin, the feedback resistor can
be connected directly across Pin 2 and Pin 3. This greatly simplifies
the routing of the feedback resistor and allows a more compact
circuit layout, which reduces its size and helps to minimize
parasitics and increase stability.
The SOIC also features a dedicated feedback pin. The feedback
pin is brought out on Pin 1, which is typically a no connect on
standard SOIC pinouts.
Existing applications that use the standard SOIC pinout can
take full advantage of the performance offered by the AD8000.
For drop-in replacements, ensure that Pin 1 is not connected to
ground or to any other potential because this pin is connected
internally to the output of the amplifier. For existing designs,
Pin 6 can still be used for the feedback resistor.
EXPOSED PADDLE
The AD8000 features an exposed paddle, which can lower the
thermal resistance by 25% compared to a standard SOIC plastic
package. The paddle can be soldered directly to the ground plane
of the board. Figure 53 shows a typical pad geometry for the LFCSP,
the same type of pad geometry can be applied to the SOIC package.
Thermal vias or heat pipes can also be incorporated into the design
of the mounting pad for the exposed paddle. These additional
vias improve the thermal transfer from the package to the PCB.
Using a heavier weight copper on the surface to which the exposed
paddle of the amplifier is soldered also reduces the overall
thermal resistance seen by the AD8000.
Figure 53. LFCSP Exposed Paddle Layout
PRINTED CIRCUIT BOARD LAYOUT
Laying out the printed circuit board (PCB) is usually the last
step in the design process and often proves to be one of the
most critical. A brilliant design can be rendered useless because
of a poor or sloppy layout. Because the AD8000 can operate
into the RF frequency spectrum, high frequency board layout
considerations must be taken into account. The PCB layout,
signal routing, power supply bypassing, and grounding all must
be addressed to ensure optimal performance.
SIGNAL ROUTING
The AD8000 LFCSP features the new low distortion pinout with a
dedicated feedback pin and allows a compact layout. The dedicated
feedback pin reduces the distance from the output to the inverting
input, which greatly simplifies the routing of the feedback network.
To minimize parasitic inductances, use ground planes under
high frequency signal traces. However, remove the ground
plane from under the input and output pins to minimize the
formation of parasitic capacitors, which degrades phase margin.
Run signals that are susceptible to noise pickup on the internal
layers of the PCB, which can provide maximum shielding.
POWER SUPPLY BYPASSING
Power supply bypassing is a critical aspect of the PCB design
process. For best performance, the AD8000 power supply pins
need to be properly bypassed.
A parallel connection of capacitors from each of the power supply
pins to ground works best. Paralleling different values and sizes
of capacitors helps to ensure that the power supply pins see a
low ac impedance across a wide band of frequencies. This is
important for minimizing the coupling of noise into the amplifier.
Starting directly at the power supply pins, place the smallest
value and sized component on the same side of the board as the
amplifier, and as close as possible to the amplifier, and connected
to the ground plane. Repeat this process for the next larger value
capacitor. It is recommended for the AD8000 that a 0.1 μF ceramic
0508 case be used. The 0508 offers low series inductance and
excellent high frequency performance. The 0.1 μF case provides
low impedance at high frequencies. Place a 10 μF electrolytic
capacitor in parallel with the 0.1 μF. The 10 μF capacitor provides
low ac impedance at low frequencies. Smaller values of electrolytic
capacitors can be used, depending on the circuit requirements.
Additional smaller value capacitors help to provide a low
impedance path for unwanted noise out to higher frequencies
but are not always necessary.
Placement of the capacitor returns (grounds), where the capacitors
enter into the ground plane, is also important. Returning the
capacitors grounds close to the amplifier load is critical for
distortion performance. Keeping the capacitors distance short,
but equal from the load, is optimal for performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com