Electronic Components Datasheet Search
  English  ▼

X  

AD8045 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8045
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 4 Page - Analog Devices

  AD8045 Datasheet HTML 1Page - Analog Devices AD8045 Datasheet HTML 2Page - Analog Devices AD8045 Datasheet HTML 3Page - Analog Devices AD8045 Datasheet HTML 4Page - Analog Devices AD8045 Datasheet HTML 5Page - Analog Devices AD8045 Datasheet HTML 6Page - Analog Devices AD8045 Datasheet HTML 7Page - Analog Devices AD8045 Datasheet HTML 8Page - Analog Devices AD8045 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 4 of 24
SPECIFICATIONS WITH +5 V SUPPLY
TA = 25°C, G = +1, RS = 100 Ω, RL = 1 kΩ to midsupply, unless otherwise noted. Exposed paddle must be floating or connected to −VS.
Table 2.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
900
MHz
G = +1, VOUT = 2 V p-p
160
200
MHz
G = +2, VOUT = 0.2 V p-p
320
395
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VOUT = 2 V p-p, RL = 150 Ω
60
MHz
Slew Rate
G = +1, VOUT = 2 V step
480
1060
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
10
ns
NOISE/HARMONIC PERFORMANCE
Harmonic Distortion (dBc) HD2/HD3
fC = 5 MHz, VOUT = 2 V p-p
LFCSP
−89/−83
dBc
SOIC
−92/−83
dBc
fC = 20 MHz, VOUT = 2 V p-p
LFCSP
−81/−70
dBc
SOIC
−83/−70
dBc
fC = 70 MHz, VOUT = 2 V p-p
LFCSP
−57/−46
dBc
SOIC
−57/−46
dBc
Input Voltage Noise
f = 100 kHz
3
nV/√Hz
Input Current Noise
f = 100 kHz
3
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.01
Degrees
DC PERFORMANCE
Input Offset Voltage
0.5
1.4
mV
Input Offset Voltage Drift
See Figure 54
7
µV/°C
Input Bias Current
2
6.6
µA
Input Bias Current Drift
7
nA/°C
Input Bias Offset Current
0.2
1.3
µA
Open-Loop Gain
VOUT = 2 V to 3 V
61
63
dB
INPUT CHARACTERISTICS
Input Resistance
Common-mode/differential
3/0.9
MΩ
Input Capacitance
Common-mode
1.3
pF
Input Common-Mode Voltage Range
1.2 to 3.8
V
Common-Mode Rejection
VCM = 2 V to 3 V
−78
−94
dB
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
VIN = −0.5 V to +3 V, G = +2
10
ns
Output Voltage Swing
RL = 1 kΩ
1.2 to 3.8
1.1 to 4.0
V
RL = 100 Ω
1.3 to 3.7
1.2 to 3.8
V
Output Current
55
mA
Short-Circuit Current
Sinking/sourcing
70/140
mA
Capacitive Load Drive
30% overshoot, G = +2
15
pF
POWER SUPPLY
Operating Range
3.3
5
12
V
Quiescent Current
15
18
mA
Positive Power Supply Rejection
+VS = +5 V to +6 V, −VS = 0 V
−65
−67
dB
Negative Power Supply Rejection
+VS = +5 V, −VS = 0 V to −1 V
−70
−73
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com