Electronic Components Datasheet Search
  English  ▼

X  

AD8045 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8045
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8045 Datasheet HTML 11Page - Analog Devices AD8045 Datasheet HTML 12Page - Analog Devices AD8045 Datasheet HTML 13Page - Analog Devices AD8045 Datasheet HTML 14Page - Analog Devices AD8045 Datasheet HTML 15Page - Analog Devices AD8045 Datasheet HTML 16Page - Analog Devices AD8045 Datasheet HTML 17Page - Analog Devices AD8045 Datasheet HTML 18Page - Analog Devices AD8045 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
AD8045
Rev. C | Page 15 of 24
TEMPERATURE (°C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
–1.0
–1.2
–1.4
–1.6
–1.8
–2.0
–2.2
–2.4
–2.6
–2.8
–3.0
IB+, VS = ±5V
IB+, VS = 5V
IB–, VS = 5V
IB–, VS = ±5V
Figure 55. Input Bias Current vs. Temperature for Various Supplies
TEMPERATURE (°C)
125
–40
–25
–10
5
20
35
50
65
80
95
110
1.20
1.15
1.10
1.05
1.00
0.95
0.90
RL = 1kΩ
VS = ±5V
VS = 5V
–VS + VOUT
+VS – VOUT
–VS + VOUT
+VS – VOUT
Figure 56. Output Saturation Voltage vs. Temperature for Various Supplies
TEMPERATURE (°C)
125
–40
–25
–10
5
20
35
50
65
80
110
95
17.0
16.5
16.0
15.5
15.0
14.5
VS = 5V
VS = ±5V
Figure 57. Supply Current vs. Temperature for Various Supplies
LOAD (k
Ω)
10
0.1
1
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
VS = ±5V
VS = +5V
+VS – VOUT
–VS – VOUT
Figure 58. Output Saturation Voltage vs. Load for Various Supplies
VOUT (V)
4
–4
–3
–2
–1
0
1
2
3
4
3
1
2
0
–1
–2
–3
–4
RL = 1kΩ
RL = 150Ω
Figure 59. Input Offset Voltage vs. Output Voltage for Various Loads
TIME (ns)
22.5
0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.30
0.20
0.10
0
–0.10
–0.20
–0.30
G = +2
VS = ±5V
VOUT = 2V p-p
RL = 150Ω
RF = 499Ω
Figure 60. Short Term 0.1% Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com