Electronic Components Datasheet Search
  English  ▼

X  

AD8045 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8045
Description  3 nV/√Hz, Ultralow Distortion, High Speed Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8045 Datasheet HTML 6Page - Analog Devices AD8045 Datasheet HTML 7Page - Analog Devices AD8045 Datasheet HTML 8Page - Analog Devices AD8045 Datasheet HTML 9Page - Analog Devices AD8045 Datasheet HTML 10Page - Analog Devices AD8045 Datasheet HTML 11Page - Analog Devices AD8045 Datasheet HTML 12Page - Analog Devices AD8045 Datasheet HTML 13Page - Analog Devices AD8045 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD8045
Data Sheet
Rev. C | Page 10 of 24
OUTPUT AMPLITUDE (V p-p)
8
0
1
2
3
4
5
7
6
–40
–60
–50
–70
–80
–90
–100
–110
G = +1
VS = ±5V
RL = 150Ω
RS = 100Ω
f = 10MHz
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
Figure 25. Harmonic Distortion vs. Output Voltage for Various Packages
OUTPUT VOLTAGE (V p-p)
8
0
1
2
3
4
5
6
7
–40
–50
–60
–70
–80
–90
–100
–110
–120
HD3
HD2
G = –1
VS = ±5V
RL = 1kΩ
f = 10MHz
SOIC AND LFCSP
Figure 26. Harmonic Distortion vs. Output Voltage
OUTPUT VOLTAGE (V p-p)
8
0
1
2
3
4
5
6
7
–40
–60
–80
–50
–70
–90
–100
–110
–120
G = –1
VS = ±5V
RL = 150Ω
f = 10MHz
HD3 SOIC AND LFCSP
HD2 LFCSP
HD2 SOIC
Figure 27. Harmonic Distortion vs. Output Voltage
FREQUENCY (MHz)
100
1
10
–30
–50
–40
–60
–80
–70
–90
–100
HD3 SOIC AND LFCSP
HD2 SOIC
HD2 LFCSP
G = +1
VS = ±2.5
VOUT = 2V p-p
RL = 1kΩ
RS = 100Ω
Figure 28. Harmonic Distortion vs. Frequency for Various Packages
FREQUENCY (MHz)
100
1
10
–20
–30
–40
–50
–60
–70
–80
–100
–90
HD2 LFCSP
HD2 SOIC
HD3 SOIC AND LFCSP
G = +1
VS = ±2.5V
VOUT = 2V p-p
RL = 100Ω
RS = 100Ω
Figure 29. Harmonic Distortion vs. Frequency for Various Packages
FREQUENCY (MHz)
100
0.1
1
10
–20
–30
–40
–50
–60
–70
–80
–90
–100
HD2
HD3
G = –1
VS = ±2.5V
VOUT = 2V p-p
RL = 1kΩ
SOIC AND LFCSP
Figure 30. Harmonic Distortion vs. Frequency for Various Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com