Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 5 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 5 Page - Analog Devices

  AD826 Datasheet HTML 1Page - Analog Devices AD826 Datasheet HTML 2Page - Analog Devices AD826 Datasheet HTML 3Page - Analog Devices AD826 Datasheet HTML 4Page - Analog Devices AD826 Datasheet HTML 5Page - Analog Devices AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD826
–5–
7
1
140
4
2
–40
3
–60
6
5
120
80
60
40
100
20
0
–20
TEMPERATURE – C
Figure 7. Input Bias Current vs. Temperature
130
30
140
90
50
–40
70
–60
110
120
100
80
60
40
20
0
–20
TEMPERATURE – C
SINK CURRENT
SOURCE CURRENT
Figure 8. Short Circuit Current vs. Temperature
100
20
–60
140
80
40
–40
60
100
120
80
60
40
20
0
–20
TEMPERATURE – C
20
80
40
60
PHASE MARGIN
GAIN BANDWIDTH
Figure 9. Unity Gain Bandwidth and Phase Margin
vs. Temperature
100
–20
1G
40
0
10k
20
1k
80
60
100M
10M
1M
100k
FREQUENCY – Hz
+100
+40
0
+20
+80
+60
GAIN
15V SUPPLIES
GAIN
5V SUPPLIES
PHASE
5V OR
15V SUPPLIES
RL = 1k
Figure 10. Open-Loop Gain and Phase Margin
vs. Frequency
4
1
100
1k
10k
2
3
5
6
LOAD RESISTANCE –
15V
5V
7
Figure 11. Open-Loop Gain vs. Load Resistance
100
10
100M
30
20
1k
100
40
50
60
70
80
90
10M
1M
100k
10k
FREQUENCY – Hz
POSITIVE
SUPPLY
NEGATIVE
SUPPLY
Figure 12. Power Supply Rejection vs. Frequency
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com