Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 8 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD826 Datasheet HTML 4Page - Analog Devices AD826 Datasheet HTML 5Page - Analog Devices AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices AD826 Datasheet HTML 10Page - Analog Devices AD826 Datasheet HTML 11Page - Analog Devices AD826 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AD826
–8–
TEKTRONIX
P6201 FET
PROBE
PULSE (LS)
OR
FUNCTION (SS)
GENERATOR
1/2
AD826
RIN
100
50
1k
RL
VOUT
VIN
TEKTRONIX
7A24
PREAMP
VS
0.01 F
3.3 F
0.01 F
–VS
3.3 F
Figure 25. Noninverting Amplifier Configuration
10
90
100
0%
50ns
5V
5V
Figure 26. Noninverting Large Signal Pulse Response,
RL = 1 k
Ω
10
90
100
0%
50ns
5V
5V
Figure 27. Noninverting Large Signal Pulse Response,
RL = 150
Ω
10
90
100
0%
50ns
200mV
200mV
Figure 28. Noninverting Small Signal Pulse Response,
RL = 1 k
Ω
5V
10
90
100
0%
50ns
200mV
200mV
Figure 29. Noninverting Small Signal Pulse Response,
RL = 150
Ω
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com