Electronic Components Datasheet Search
  English  ▼

X  

AD826 Datasheet(PDF) 1 Page - Analog Devices

Part # AD826
Description  High-Speed, Low-Power Dual Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD826 Datasheet(HTML) 1 Page - Analog Devices

  AD826 Datasheet HTML 1Page - Analog Devices AD826 Datasheet HTML 2Page - Analog Devices AD826 Datasheet HTML 3Page - Analog Devices AD826 Datasheet HTML 4Page - Analog Devices AD826 Datasheet HTML 5Page - Analog Devices AD826 Datasheet HTML 6Page - Analog Devices AD826 Datasheet HTML 7Page - Analog Devices AD826 Datasheet HTML 8Page - Analog Devices AD826 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD826
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax:
© Analog Devices, Inc.,
High-Speed, Low-Power
Dual Operational Amplifier
CONNECTION DIAGRAM
8-Lead Plastic Mini-DIP and SO Package
1
2
3
4
8
7
6
5
AD826
V+
OUT2
–IN2
+IN2
OUT1
–IN1
+IN1
V–
The AD826 features high output current drive capability of
50 mA min per amp, and is able to drive unlimited capacitive
loads. With a low power supply current of 15 mA max for both
amplifiers, the AD826 is a true general purpose operational
amplifier.
The AD826 is ideal for power sensitive applications such as video
cameras and portable instrumentation. The AD826 can operate
from a single +5 V supply, while still achieving 25 MHz of band-
width. Furthermore the AD826 is fully specified from a single
+5 V to
±15 V power supplies.
The AD826 excels as an ADC/DAC buffer or active filter in
data acquisition systems and achieves a settling time of 70 ns
to 0.01%, with a low input offset voltage of 2 mV max. The
AD826 is available in small 8-lead plastic mini-DIP and SO
packages.
10
90
100
0%
500ns
5V
5V
C
L = 100pF
C
L = 1000pF
FEATURES
High Speed:
50 MHz Unity Gain Bandwidth
350 V/ s Slew Rate
70 ns Settling Time to 0.01%
Low Power:
7.5 mA Max Power Supply Current Per Amp
Easy to Use:
Drives Unlimited Capacitive Loads
50 mA Min Output Current Per Amplifier
Specified for +5 V,
5 V and
15 V Operation
2.0 V p-p Output Swing into a 150
Load
(VS = +5 V)
Good Video Performance
Differential Gain & Phase Error of 0.07% & 0.11
Excellent DC Performance:
2.0 mV Max Input Offset Voltage
APPLICATIONS
Unity Gain ADC/DAC Buffer
Cable Drivers
8- and 10-Bit Data Acquisition Systems
Video Line Driver
Active Filters
PRODUCT DESCRIPTION
The AD826 is a dual, high speed voltage feedback op amp. It
is ideal for use in applications which require unity gain stability
and high output drive capability, such as buffering and cable
driving. The 50 MHz bandwidth and 350 V/
µs slew rate make
the AD826 useful in many high speed applications including:
video, CATV, copiers, LCDs, image scanners and fax machines.
TEKTRONIX
P6201 FET
PROBE
HP PULSE
GENERATOR
1/2
AD826
1k
50
1k
CL
VOUT
VIN
TEKTRONIX
7A24 FET
PREAMP
VS
0.01 F
3.3 F
0.01 F
–VS
3.3 F
1
3
2
Driving a Large Capacitive Load
REV. C
2010
781/461-3113


Similar Part No. - AD826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260 AD-AD8260 Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier with 3 dB Steps
REV. 0
AD8260-EVALZ AD-AD8260-EVALZ Datasheet
1Mb / 32P
High Current Driver Amplifier and Digital VGA/Preamplifier
5/16-Rev. A to Rev. B
More results

Similar Description - AD826

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD826 AD-AD826 Datasheet
231Kb / 14P
High-Speed, Low-Power Dual Operational Amplifier
REV.B
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD826ANZ AD-AD826ANZ Datasheet
725Kb / 12P
High-Speed, Low-Power Dual Operational Amplifier
8/02-Data Sheet changed from REV. B to REV. C.
AD826ARZ AD-AD826ARZ Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
AD826ARZ-REEL7 AD-AD826ARZ-REEL7 Datasheet
731Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
National Semiconductor ...
OPA2832 NSC-OPA2832 Datasheet
949Kb / 37P
Dual, Low-Power, High-Speed, Fixed-Gain Operational Amplifier
logo
Analog Devices
AD826 AD-AD826_15 Datasheet
725Kb / 15P
High-Speed, Low-Power Dual Operational Amplifier
REV. C
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com