Electronic Components Datasheet Search
  English  ▼

X  

TDA9840 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 8Page - NXP Semiconductors TDA9840 Datasheet HTML 9Page - NXP Semiconductors TDA9840 Datasheet HTML 10Page - NXP Semiconductors TDA9840 Datasheet HTML 11Page - NXP Semiconductors TDA9840 Datasheet HTML 12Page - NXP Semiconductors TDA9840 Datasheet HTML 13Page - NXP Semiconductors TDA9840 Datasheet HTML 14Page - NXP Semiconductors TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1998 Jul 03
12
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
fdet
pull-in frequency range of
identification PLL (referred to
fdet STEREO = 117.48 Hz and
fdet DUAL = 274.12 Hz)
normal mode
lower side
STEREO
−0.38
−−0.38
Hz
DUAL
−0.69
−−0.69
Hz
normal mode
upper side
STEREO
0.69
−
0.69
Hz
DUAL
0.69
−
0.69
Hz
fast mode lower side
STEREO
−0.89
−−0.89
Hz
DUAL
−2.05
−−2.05
Hz
fast mode upper side
STEREO
1.15
−
1.15
Hz
DUAL
2.05
−
2.05
Hz
tdet
pull-in time of identification
PLL (referred to
fdet STEREO = 117.48 Hz and
fdet DUAL = 274.12 Hz)
normal mode
STEREO
0
−
1.35
s
DUAL
0
−
0.72
s
fast mode
STEREO
0
−
0.57
s
DUAL
0
−
0.25
s
fident
identification window
frequency width (referred to
fdet STEREO = 117.48 Hz and
fdet DUAL = 274.12 Hz)
normal mode; note 9
STEREO
2.0
−
2.0
Hz
DUAL
2.3
−
2.3
Hz
fast mode; note 9
STEREO
3.8
−
3.8
Hz
DUAL
5.8
−
5.8
Hz
tintegr
integrator time constant
normal mode
0.94
−
0.94
s
fast mode
0.47
−
0.47
s
tident(on)
total identification time on
normal mode; note 10
STEREO
0.35
−
2.3
s
DUAL
0.35
−
2.0
s
fast mode; note 10
STEREO
0.175
−
1.1
s
DUAL
0.175
−
1.0
s
tident(off)
total identification time off
normal mode; note 11
STEREO
0.6
−
1.6
s
DUAL
0.6
−
1.6
s
fast mode; note 11
STEREO
0.3
−
0.8
s
DUAL
0.3
−
0.8
s
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com