Electronic Components Datasheet Search
  English  ▼

X  

TDA9840 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # TDA9840
Description  TV and VTR stereo/dual sound processor with digital identification and I2C-bus control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9840 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button TDA9840 Datasheet HTML 11Page - NXP Semiconductors TDA9840 Datasheet HTML 12Page - NXP Semiconductors TDA9840 Datasheet HTML 13Page - NXP Semiconductors TDA9840 Datasheet HTML 14Page - NXP Semiconductors TDA9840 Datasheet HTML 15Page - NXP Semiconductors TDA9840 Datasheet HTML 16Page - NXP Semiconductors TDA9840 Datasheet HTML 17Page - NXP Semiconductors TDA9840 Datasheet HTML 18Page - NXP Semiconductors TDA9840 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
1998 Jul 03
15
Philips Semiconductors
Product specification
TV and VTR stereo/dual sound processor
with digital identification and I2C-bus control
TDA9840
Level adjustment register
The information about the level adjustment of the AF
channel Vi 2 (pin 8) is stored in the level adjustment
register (see Table 10). There are 10 steps (positions) of
the AF level adjustment stage. The level range is from
2.5 dB up to
−2.0 dB in 0.5 dB steps.
After a power-on reset, the data byte of the level
adjustment register will be set to (00)HEX: 0 dB gain at the
AF input Vi 2.
Stereo adjustment register
The information about the stereo adjustment of the
AF channel Vi 1 (pin 7) is stored in the stereo adjustment
register (see Table 11). There are 50 steps (positions) of
the AF stereo adjustment stage. The stereo range is from
2.5 dB up to
−2.4 dB in 0.1 dB steps.
After a power-on reset, the data byte of the stereo
adjustment register will be set to (00)HEX: 0 dB gain at the
AF input Vi1.
Test register (also used for fast mode)
Table 12 shows the meaning of the test register. The
integration time of the integrator is approximately 1 s
(normal mode, default). If the data byte of this register is
set to HIGH, the integration time is reduced from
approximately 1 to approximately 0.5 s (fast mode, test
mode). The pull-in ranges of the identification PLLs are
changed to:
Stereo:
−0.89/+1.15 Hz
Dual:
±2.05 Hz.
If the integration time of the integrator is switched from one
mode to the other (i.e. from fast mode/test mode to normal
mode), the status register bits D5 and D6 might set to zero
internally (MONO). Therefore, the previous status register
information has to be stored by the microcontroller until the
transmitter status is detected again by the identification
circuit (now in the new mode) the first time.
The data byte of the test register can be reset in two
different ways to (00)HEX: integration time approximately
1 s, normal mode:
• after a power-on reset, for instance by switching the
power supply Vp off and on again
• data transmission via I2C-bus for the test register
(see Table 12).
Level and stereo adjustment
For the level and stereo adjustment of both AF channels
Vi1 and Vi2, the following procedure will be recommended.
Level adjustment of the AF channel V
• Feeds AF signal at the input V
i 2
• Sets the data byte of the switch register (dual mode)
to (1A)HEX
• Measures the signal at the outputs Vo2 or Vo4
• Adjusts the output level with the level adjustment
register.
Stereo adjustment of the AF channel Vi 1
• Feeds AF stereo signals at the inputs Vi1 ((L+R)/2) and
Vi2 (R)
• Sets the data byte of the switch register (stereo mode)
to (2A)HEX
• Measures the crosstalk attenuation between Vo1 and
Vo2 or Vo3 and Vo4
• Adjusts the crosstalk attenuation with the stereo
adjustment register.
During the stereo adjustment the data byte of the level
adjustment register does not change.
After the level and stereo adjustment, the bytes of the level
and stereo adjustment register must be stored by the
microcontroller in a memory. (To avoid mis-adjustment it
would be wise to compare the stored bytes with the proper
adjustment bytes). If the PONRES bit of the status register
will be set to HIGH (see status register) the data bytes for
these both registers must be sent out of the memory to the
TDA9840 via I2C-bus. Also the data byte of the switch
register (see Table 7) must be changed, because the
AF outputs are muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com