Electronic Components Datasheet Search
  English  ▼

X  

TDA9850 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9850
Description  I2C-bus controlled BTSC stereo/SAP decoder
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9850 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9850 Datasheet HTML 4Page - NXP Semiconductors TDA9850 Datasheet HTML 5Page - NXP Semiconductors TDA9850 Datasheet HTML 6Page - NXP Semiconductors TDA9850 Datasheet HTML 7Page - NXP Semiconductors TDA9850 Datasheet HTML 8Page - NXP Semiconductors TDA9850 Datasheet HTML 9Page - NXP Semiconductors TDA9850 Datasheet HTML 10Page - NXP Semiconductors TDA9850 Datasheet HTML 11Page - NXP Semiconductors TDA9850 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1995 Jun 19
8
Philips Semiconductors
Preliminary specification
I2C-bus controlled BTSC stereo/SAP decoder
TDA9850
Adjustment procedure
COMPOSITE INPUT LEVEL ADJUSTMENT
Feed in from FM demodulator the composite signal with
100% modulation (25 kHz deviation) L + R; fi = 300 Hz.
Set input level control via I2C-bus monitoring OUTL or
OUTR (500 mV
±20 mV). Store the setting in a
non-volatile memory.
AUTOMATIC ADJUSTMENT PROCEDURE
• Connect 2.2 µF capacitors from ACR and ACL to
ground.
• Composite input signal L = 300 Hz, R = 3.1 kHz,
14% modulation for each channel.
• Mode selection setting bits: STEREO = 1, SAP = 0
(see Table 8).
• Start adjustment by transmission ADJ = 1 in register
ALI3. The decoder will align itself.
• After 1 second minimum stop alignment by transmitting
ADJ = 0 in register ALI3 read the alignment data by an
I2C-bus read operation from ALR1 and ALR2
(see Chapter “I2C-bus protocol”) and store it in a
non-volatile memory. The alignment procedure
overwrites the previous data stored in ALI1 and ALI2.
• The capacitors from ACR and ACL may be
disconnected after alignment.
MANUAL ADJUSTMENT
Manual adjustment is necessary when no dual tone
generator is available (e.g. for service).
• Spectral and wideband data have to be set to 10000
(middle position for adjustment range)
• Composite input L = 300 Hz; 14% modulation
• Adjust channel separation by varying wideband data
• Composite input L = 3 kHz; 14% modulation
• Adjust channel separation by varying spectral data
• Iterative spectral/wideband operation for optimum
adjustment
• Store data in non-volatile memory.
After every power-on, the alignment data and the input
level adjustment data must be loaded from the non-volatile
memory.
TIMING CURRENT FOR RELEASE RATE
Due to possible internal and external spreading, the timing
current can be adjusted via I2C-bus, see Table 9, as
recommended by dbx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com